Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT93C46LI-T2 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza CAT93C46LI-T2
Descripción Electrónicos  1 kb Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C46LI-T2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT93C46LI-T2 Datasheet HTML 2Page - ON Semiconductor CAT93C46LI-T2 Datasheet HTML 3Page - ON Semiconductor CAT93C46LI-T2 Datasheet HTML 4Page - ON Semiconductor CAT93C46LI-T2 Datasheet HTML 5Page - ON Semiconductor CAT93C46LI-T2 Datasheet HTML 6Page - ON Semiconductor CAT93C46LI-T2 Datasheet HTML 7Page - ON Semiconductor CAT93C46LI-T2 Datasheet HTML 8Page - ON Semiconductor CAT93C46LI-T2 Datasheet HTML 9Page - ON Semiconductor CAT93C46LI-T2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CAT93C46
http://onsemi.com
6
Write
After receiving a WRITE command (Figure 5), address
and the data, the CS (Chip Select) pin must be deselected for
a minimum of tCSMIN. The falling edge of CS will start the
self clocking for auto−clear and data store cycles on the
memory location specified in the instruction. The clocking
of the SK pin is not necessary after the device has entered the
self clocking mode. The ready/busy status of the CAT93C46
can be determined by selecting the device and polling the
DO pin. Since this device features Auto−Clear before write,
it is NOT necessary to erase a memory location before it is
written into.
Erase
Upon receiving an ERASE command and address, the CS
(Chip Select) pin must be de−asserted for a minimum of
tCSMIN (Figure 6). The falling edge of CS will start the self
clocking clear cycle of the selected memory location. The
clocking of the SK pin is not necessary after the device has
entered the self clocking mode. The ready/busy status of the
CAT93C46 can be determined by selecting the device and
polling the DO pin. Once cleared, the content of a cleared
location returns to a logical “1” state.
Erase All
Upon receiving an ERAL command (Figure 7), the CS
(Chip Select) pin must be deselected for a minimum of
tCSMIN. The falling edge of CS will start the self clocking
clear cycle of all memory locations in the device. The
clocking of the SK pin is not necessary after the device has
entered the self clocking mode. The ready/busy status of the
CAT93C46 can be determined by selecting the device and
polling the DO pin. Once cleared, the contents of all memory
bits return to a logical “1” state.
Write All
Upon receiving a WRAL command and data, the CS
(Chip Select) pin must be deselected for a minimum of
tCSMIN (Figure 8). The falling edge of CS will start the self
clocking data write to all memory locations in the device.
The clocking of the SK pin is not necessary after the device
has entered the self clocking mode. The ready/busy status of
the CAT93C46 can be determined by selecting the device
and polling the DO pin. It is not necessary for all memory
locations to be cleared before the WRAL command is
executed.
Figure 5. Write Instruction Timing
SK
CS
DI
DO
STANDBY
HIGH−Z
HIGH−Z
10
1
BUSY
READY
STATUS
VERIFY
AN AN−1
A0
DN
D0
tCSMIN
tEW
tSV
tHZ


Número de pieza similar - CAT93C46LI-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
logo
Catalyst Semiconductor
CAT93C46LI-GT2 CATALYST-CAT93C46LI-GT2 Datasheet
134Kb / 15P
   1-Kb Microwire Serial EEPROM
CAT93C46LI-GT3 CATALYST-CAT93C46LI-GT3 Datasheet
134Kb / 15P
   1-Kb Microwire Serial EEPROM
More results

Descripción similar - CAT93C46LI-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
logo
Catalyst Semiconductor
CAT93C46R CATALYST-CAT93C46R Datasheet
486Kb / 13P
   1-Kb Microwire Serial EEPROM
CAT93C46 CATALYST-CAT93C46_07 Datasheet
134Kb / 15P
   1-Kb Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46YI-G ONSEMI-CAT93C46YI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46R ONSEMI-CAT93C46R_13 Datasheet
155Kb / 12P
   1 kb Microwire Serial EEPROM
October, 2013 ??Rev. 9
logo
Catalyst Semiconductor
CAT93HC46 CATALYST-CAT93HC46 Datasheet
61Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
CAT93HC46 CATALYST-CAT93HC46_05 Datasheet
239Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com