Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT64LC40U-T3 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza CAT64LC40U-T3
Descripción Electrónicos  4 kb SPI Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT64LC40U-T3 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT64LC40U-T3 Datasheet HTML 2Page - ON Semiconductor CAT64LC40U-T3 Datasheet HTML 3Page - ON Semiconductor CAT64LC40U-T3 Datasheet HTML 4Page - ON Semiconductor CAT64LC40U-T3 Datasheet HTML 5Page - ON Semiconductor CAT64LC40U-T3 Datasheet HTML 6Page - ON Semiconductor CAT64LC40U-T3 Datasheet HTML 7Page - ON Semiconductor CAT64LC40U-T3 Datasheet HTML 8Page - ON Semiconductor CAT64LC40U-T3 Datasheet HTML 9Page - ON Semiconductor CAT64LC40U-T3 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CAT64LC40
http://onsemi.com
6
The CAT64LC40 requires an active LOW CS in order to
be selected. Each instruction must be preceded by a
HIGH−to−LOW transition of CS before the input of the
4−bit start sequence. Prior to the 4−bit start sequence (1010),
the device will ignore inputs of all other logical sequence.
Read
Upon receiving a READ command and address (clocked
into the DI pin), the DO pin will output data one tPD after the
falling edge of the 16th clock (the last bit of the address
field). The READ operation is not affected by the RESET
input.
Write
After receiving a WRITE op code, address and data, the
device goes into the AUTO−Clear cycle and then the
WRITE cycle. The RDY/BSY pin will output the BUSY
status (LOW) one tSV after the rising edge of the 32nd clock
(the last data bit) and will stay LOW until the write cycle is
complete. Then it will output a logical “1” until the next
WRITE cycle. The RDY/BSY output is not affected by the
input of CS.
SK
DI
DO
RESET
1
ADDRESS*
D15
D0
01
00
1
0
0
Figure 5. Write Instruction Timing
*Please check instruction set table for address.
CS
RDY/BUSY
SK
DI
CS
DO
RESET
WRITE INSTRUCTION
NEXT INSTRUCTION
HIGH
LOW
RDY/BUSY
Figure 6. Ready/BUSY Status Instruction Timing


Número de pieza similar - CAT64LC40U-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT64LC40UATE13 CATALYST-CAT64LC40UATE13 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT64LC40UATE13 CATALYST-CAT64LC40UATE13 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
CAT64LC40UITE13 CATALYST-CAT64LC40UITE13 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT64LC40UITE13 CATALYST-CAT64LC40UITE13 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
CAT64LC40URATE13 CATALYST-CAT64LC40URATE13 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
More results

Descripción similar - CAT64LC40U-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NV25010 ONSEMI-NV25010 Datasheet
271Kb / 15P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25010WF ONSEMI-NV25010WF Datasheet
191Kb / 12P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25320WF ONSEMI-NV25320WF Datasheet
196Kb / 13P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 1
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
CAT25010 ONSEMI-CAT25010_18 Datasheet
308Kb / 17P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 26
CAV25010 ONSEMI-CAV25010_18 Datasheet
265Kb / 14P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25128WF ONSEMI-NV25128WF Datasheet
211Kb / 13P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
NV25512WF ONSEMI-NV25512WF Datasheet
210Kb / 13P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 2
CAT25512 ONSEMI-CAT25512_18 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com