Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT64LC40U-T3 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza CAT64LC40U-T3
Descripción Electrónicos  4 kb SPI Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT64LC40U-T3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT64LC40U-T3 Datasheet HTML 1Page - ON Semiconductor CAT64LC40U-T3 Datasheet HTML 2Page - ON Semiconductor CAT64LC40U-T3 Datasheet HTML 3Page - ON Semiconductor CAT64LC40U-T3 Datasheet HTML 4Page - ON Semiconductor CAT64LC40U-T3 Datasheet HTML 5Page - ON Semiconductor CAT64LC40U-T3 Datasheet HTML 6Page - ON Semiconductor CAT64LC40U-T3 Datasheet HTML 7Page - ON Semiconductor CAT64LC40U-T3 Datasheet HTML 8Page - ON Semiconductor CAT64LC40U-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CAT64LC40
http://onsemi.com
3
Table 4. D.C. OPERATING CHARACTERISTICS (VCC = +2.5 V to +6.0 V, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Limits
Units
Min
Typ
Max
ICC
Operating Current
2.5 V
fSK = 250 kHz
0.4
mA
EWEN, EWDS, READ
6.0 V
fSK = 1 MHz
1
mA
ICCP
Program Current
2.5 V
2
mA
6.0 V
3
mA
ISB (Note 6)
Standby Current
VIN = GND or VCC
CS = VCC
3
mA
ILI
Input Leakage Current
VIN = GND to VCC
2
mA
ILO
Output Leakage Current
VOUT = GND to VCC
10
mA
VIL
Low Level Input Voltage, DI
−0.1
VCC x 0.3
V
VIH
High Level Input Voltage, DI
VCC x 0.7
VCC + 0.5
V
VIL
Low Level Input Voltage, CS, SK, RESET
−0.1
VCC x 0.2
V
VIH
High Level Input Voltage, CS, SK, RESET
VCC x 0.8
VCC + 0.5
V
VOH (Note 6)
High Level Output Voltage
2.5 V
IOH = −10 mA
VCC − 0.3
V
6.0 V
IOH = −10 mA
VCC − 0.3
V
IOH = −400 mA
2.4
V
VOL (Note 6)
Low Level Output Voltage
2.5 V
IOL = 10 mA
0.4
V
6.0 V
IOL = 2.1 mA
0.4
V
6. VOH and VOL spec applies to READY/BUSY pin also.
Table 5. A.C. OPERATING CHARACTERISTICS (VCC = +2.5 V to +6.0 V, unless otherwise specified.)
Symbol
Parameter
Limits
Units
Min
Typ
Max
tCSS
CS Setup Time
100
ns
tCSH
CS Hold Time
100
ns
tDIS
DI Setup Time
200
ns
tDIH
DI Hold Time
200
ns
tPD1
Output Delay to 1
300
ns
tPD0
Output Delay to 0
300
ns
tHZ (Note 7)
Output Delay to High Impedance
500
ns
tCSMIN
Minimum CS High Time
250
ns
tSKHI
Minimum SK High Time
2.5 V
1000
ns
4.5 V − 6.0 V
400
tSKLOW
Minimum SK Low Time
2.5 V
1000
ns
4.5 V − 6.0 V
400
tSV
Output Delay to Status Valid
500
ns
fSK
Maximum Clock Frequency
2.5 V
250
kHz
4.5 V − 6.0 V
1000
tRESS
Reset to CS Setup Time
0
ns
tRESMIN
Minimum RESET High Time
250
ns
tRESH
RESET to READY Hold Time
0
ns
tRC
Write Recovery
100
ns
7. This parameter is sampled but not 100% tested.


Número de pieza similar - CAT64LC40U-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT64LC40UATE13 CATALYST-CAT64LC40UATE13 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT64LC40UATE13 CATALYST-CAT64LC40UATE13 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
CAT64LC40UITE13 CATALYST-CAT64LC40UITE13 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT64LC40UITE13 CATALYST-CAT64LC40UITE13 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
CAT64LC40URATE13 CATALYST-CAT64LC40URATE13 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
More results

Descripción similar - CAT64LC40U-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NV25010 ONSEMI-NV25010 Datasheet
271Kb / 15P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25010WF ONSEMI-NV25010WF Datasheet
191Kb / 12P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25320WF ONSEMI-NV25320WF Datasheet
196Kb / 13P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 1
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
CAT25010 ONSEMI-CAT25010_18 Datasheet
308Kb / 17P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 26
CAV25010 ONSEMI-CAV25010_18 Datasheet
265Kb / 14P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25128WF ONSEMI-NV25128WF Datasheet
211Kb / 13P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
NV25512WF ONSEMI-NV25512WF Datasheet
210Kb / 13P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 2
CAT25512 ONSEMI-CAT25512_18 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com