Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT28LV64L-25T Datasheet(PDF) 10 Page - ON Semiconductor |
|
CAT28LV64L-25T Datasheet(HTML) 10 Page - ON Semiconductor |
10 / 15 page CAT28LV64 http://onsemi.com 10 To activate the software data protection, the device must be sent three write commands to specific addresses with specific data (Figure 10). This sequence of commands (along with subsequent writes) must adhere to the page write timing specifications (Figure 12). Once this is done, all subsequent byte or page writes to the device must be preceded by this same set of write commands. The data protection mechanism is activated until a deactivate sequence is issued regardless of power on/off transitions. This gives the user added inadvertent write protection on power−up in addition to the hardware protection provided. To allow the user the ability to program the device with an EEPROM programmer (or for testing purposes) there is a software command sequence for deactivating the data protection. The six step algorithm (Figure 11) will reset the internal protection circuitry, and the device will return to standard operating mode (Figure 13 provides reset timing). After the sixth byte of this reset sequence has been issued, standard byte or page writing can commence. AA 1555 55 0AAA A0 1555 DATA ADDRESS BYTE OR PAGE WRITES ENABLED DATA ADDRESS SDP RESET DEVICE UNPROTECTED AA 1555 55 0AAA 80 1555 AA 1555 55 0AAA 20 1555 Figure 12. Software Data Protection Timing Figure 13. Resetting Software Data Protection Timing WE CE tWP tBLC WE CE tWC tWC |
Número de pieza similar - CAT28LV64L-25T |
|
Descripción similar - CAT28LV64L-25T |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |