Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT523WI Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza CAT523WI
Descripción Electrónicos  Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT523WI Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT523WI Datasheet HTML 2Page - ON Semiconductor CAT523WI Datasheet HTML 3Page - ON Semiconductor CAT523WI Datasheet HTML 4Page - ON Semiconductor CAT523WI Datasheet HTML 5Page - ON Semiconductor CAT523WI Datasheet HTML 6Page - ON Semiconductor CAT523WI Datasheet HTML 7Page - ON Semiconductor CAT523WI Datasheet HTML 8Page - ON Semiconductor CAT523WI Datasheet HTML 9Page - ON Semiconductor CAT523WI Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CAT523
Not Recommended for New Design
Doc. No. MD-2005 Rev. I
6
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
PIN DESCRIPTION
Pin
Name
Function
1
VDD
Power supply positive
2
CLK
Clock input pin
3
RDY/BSY
¯¯¯¯ Ready/Busy output
4
CS
Chip select
5
DI
Serial data input pin
6
DO
Serial data output pin
7
PROG
EEPROM Programming Enable
Input
8
GND
Power supply ground
9
VREFL
Minimum DAC output voltage
10
NC
No Connect
11
NC
No Connect
12
VOUT2
DPP output channel 2
13
VOUT1
DPP output channel 1
14
VREFH
Maximum DPP output voltage
DPP addressing is as follows:
DPP OUTPUT
A0
A1
VOUT1
0
0
VOUT2
1
0
DEVICE OPERATION
The CAT523 is a dual 8-bit configured digitally
programmable potentiometer (DPP) whose outputs
can be programmed to any one of 256 individual
voltage steps.
Once programmed, these output
settings are retained in non-volatile memory and will
not be lost when power is removed from the chip.
Upon power up the DPPs return to the settings stored
in non-volatile memory. Each DPP can be written to
and read from independently without effecting the
output voltage during the read or write cycle. Each
output can also be temporarily adjusted without
changing the stored output setting, which is useful for
testing new output settings before storing them in
memory.
DIGITAL INTERFACE
The CAT523 employs a 3 wire, Microwire-like, serial
control interface consisting of Clock (CLK), Chip
Select (CS) and Data In (DI) inputs. For all ope–
rations, address and data are shifted in LSB first. In
addition, all digital data must be preceded by a logic
“1” as a start bit. The DPP address and data are
clocked into the DI pin on the clock’s rising edge.
When sending multiple blocks of information a
minimum of two clock cycles is required between the
last block sent and the next start bit.
Multiple devices may share a common input data line
by selectively activating the CS control of the desired
IC. Data Outputs (DO) can also share a common line
because the DO pin is Tri-Stated and returns to a high
impedance when not in use.
CHIP SELECT
Chip Select (CS) enables and disables the CAT523’s
read and write operations. When CS is high data may
be read to or from the chip, and the Data Output (DO)
pin is active.
Data loaded into the DPP control
registers will remain in effect until CS goes low.
Bringing CS to a logic low returns all DPP outputs to
the settings stored in non-volatile memory and
switches DO to its high impedance Tri-State mode.
Because CS functions like a reset the CS pin has
been equipped with a 30 ns to 90 ns filter circuit to
prevent noise spikes from causing unwanted resets
and the loss of volatile data.
CLOCK
The CAT523’s clock controls both data flow in and out
of the IC and non-volatile memory cell programming.
Serial data is shifted into the DI pin and out of the DO
pin on the clock’s rising edge.
While it is not
necessary for the clock to be running between data
transfers, the clock must be operating in order to write
to non-volatile memory, even though the data being
saved may already be resident in the DPP wiper
control register.


Número de pieza similar - CAT523WI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT523WI CATALYST-CAT523WI Datasheet
236Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
CAT523WI-TE10 CATALYST-CAT523WI-TE10 Datasheet
102Kb / 11P
   Configured Digitally Programmable Potentiometer
More results

Descripción similar - CAT523WI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523_07 Datasheet
236Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT525 ONSEMI-CAT525 Datasheet
214Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
logo
Catalyst Semiconductor
CAT524 CATALYST-CAT524_07 Datasheet
248Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
CAT525_0711 CATALYST-CAT525_0711 Datasheet
256Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5251 ONSEMI-CAT5251 Datasheet
252Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. H
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251 Datasheet
95Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP) with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT524 ONSEMI-CAT524 Datasheet
214Kb / 15P
   Quad Digitally Programmable Potentiometer (DPPtm) with 256 Taps and Microwire Interface
Doc. No. MD-2006 Rev. I
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com