Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT660 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza CAT660
Descripción Electrónicos  100 mA CMOS Charge Pump Inverter/Doubler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT660 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT660 Datasheet HTML 1Page - ON Semiconductor CAT660 Datasheet HTML 2Page - ON Semiconductor CAT660 Datasheet HTML 3Page - ON Semiconductor CAT660 Datasheet HTML 4Page - ON Semiconductor CAT660 Datasheet HTML 5Page - ON Semiconductor CAT660 Datasheet HTML 6Page - ON Semiconductor CAT660 Datasheet HTML 7Page - ON Semiconductor CAT660 Datasheet HTML 8Page - ON Semiconductor CAT660 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CAT660
http://onsemi.com
4
Voltage Inverter
Figure 3. Test Circuit
CAT660
External
Oscillator
C2
150 mF
+
BOOST/FC
V+
OSC
LV
OUT
C1
150 mF
V+
1
2
3
4
CAP+
CAP−
GND
8
7
6
5
IS
V+
5 V
COSC
RL
IL
VOUT
+
TYPICAL OPERATING CHARACTERISTICS
(Typical characteristic curves are generated using the test circuit in Figure 3. Inverter test conditions are: V+ = 5 V, LV = GND, BOOST/FC
= Open and TA = 25°C unless otherwise indicated. Note that the charge−pump frequency is one−half the oscillator frequency.)
Figure 4. Supply Current vs. Input Voltage
Figure 5. Supply Current vs. Temperature
(No Load)
INPUT VOLTAGE (V)
TEMPERATURE (°C)
6
5
4
3
2
1
0
30
60
90
120
150
125
100
75
50
25
0
−25
−50
0
20
40
60
80
100
120
Figure 6. Output Resistance vs. Input Voltage
Figure 7. Output Resistance vs. Temperature
(50 W Load)
INPUT VOLTAGE (V)
TEMPERATURE (°C)
6
5
4
3
2
1
0
2
4
6
8
10
125
100
75
50
25
0
−25
−50
2
3
4
5
6
7
8
No Load
VIN = 5 V
VIN = 3 V
VIN = 2 V
100 W Load
VIN = 2 V
VIN = 3 V
VIN = 5 V


Número de pieza similar - CAT660

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660 Datasheet
497Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
CAT660 CATALYST-CAT660 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT660 CATALYST-CAT660 Datasheet
174Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
CAT660B ONSEMI-CAT660B Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
More results

Descripción similar - CAT660

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
CAT661 ONSEMI-CAT661 Datasheet
164Kb / 16P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
CAT661 ONSEMI-CAT661_12 Datasheet
142Kb / 14P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
July, 2012 ??Rev. 12
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
CAT660 CATALYST-CAT660 Datasheet
497Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
logo
ON Semiconductor
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
logo
Catalyst Semiconductor
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
CAT661 CATALYST-CAT661 Datasheet
488Kb / 16P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
Sipex Corporation
SP6660 SIPEX-SP6660 Datasheet
284Kb / 22P
   200mA Charge Pump Inverter or Doubler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com