Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT93C56VP2IT2 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza CAT93C56VP2IT2
Descripción Electrónicos  2-Kb Microwire Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C56VP2IT2 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT93C56VP2IT2 Datasheet HTML 1Page - ON Semiconductor CAT93C56VP2IT2 Datasheet HTML 2Page - ON Semiconductor CAT93C56VP2IT2 Datasheet HTML 3Page - ON Semiconductor CAT93C56VP2IT2 Datasheet HTML 4Page - ON Semiconductor CAT93C56VP2IT2 Datasheet HTML 5Page - ON Semiconductor CAT93C56VP2IT2 Datasheet HTML 6Page - ON Semiconductor CAT93C56VP2IT2 Datasheet HTML 7Page - ON Semiconductor CAT93C56VP2IT2 Datasheet HTML 8Page - ON Semiconductor CAT93C56VP2IT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CAT93C56, CAT93C57
http://onsemi.com
5
Table 9. A.C. TEST CONDITIONS
Input Rise and Fall Times
≤ 50 ns
Input Pulse Voltages
0.4 V to 2.4 V
4.5 V v VCC v 5.5 V
Timing Reference Voltages
0.8 V, 2.0 V
4.5 V v VCC v 5.5 V
Input Pulse Voltages
0.2 VCC to 0.7 VCC
1.8 V v VCC v 4.5 V
Timing Reference Voltages
0.5 VCC
1.8 V v VCC v 4.5 V
Output Load
Current Source IOLmax/IOHmax; CL=100 pF
Device Operation
The CAT93C56/57 is a 2048−bit nonvolatile memory
intended for use with industry standard microprocessors.
The CAT93C56/57 can be organized as either registers of 16
bits or 8 bits. When organized as X16, seven 10−bit
instructions for 93C57 or seven 11−bit instructions for
93C56 control the reading, writing and erase operations of
the device. When organized as X8, seven 11−bit instructions
for 93C57 or seven 12−bit instructions for 93C56 control the
reading, writing and erase operations of the device. The
CAT93C56/57 operates on a single power supply and will
generate on chip, the high voltage required during any write
operation.
Instructions, addresses, and write data are clocked into the
DI pin on the rising edge of the clock (SK). The DO pin is
normally in a high impedance state except when reading data
from the device, or when checking the ready/busy status
after a write operation. The serial communication protocol
follows the timing shown in Figure 2.
The ready/busy status can be determined after the start of
internal write cycle by selecting the device (CS high) and
polling the DO pin; DO low indicates that the write
operation is not completed, while DO high indicates that the
device is ready for the next instruction. If necessary, the DO
pin may be placed back into a high impedance state during
chip select by shifting a dummy “1” into the DI pin. The DO
pin will enter the high impedance state on the rising edge of
the clock (SK). Placing the DO pin into the high impedance
state is recommended in applications where the DI pin and
the DO pin are to be tied together to form a common DI/O
pin.
SK
DI
CS
DO
VALID
VALID
DATA VALID
Figure 2. Synchronous Data Timing
tCSS
tSKHI
tSKLOW
tDIS
tDIS
tDIH
tCSH
tCSMN
tPD0, tPD1


Número de pieza similar - CAT93C56VP2IT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT93C56VP2I-GT2 CATALYST-CAT93C56VP2I-GT2 Datasheet
374Kb / 18P
   2-Kb Microwire Serial CMOS EEPROM
CAT93C56VP2I-GT3 CATALYST-CAT93C56VP2I-GT3 Datasheet
374Kb / 18P
   2-Kb Microwire Serial CMOS EEPROM
CAT93C56VP2I-T2 CATALYST-CAT93C56VP2I-T2 Datasheet
374Kb / 18P
   2-Kb Microwire Serial CMOS EEPROM
CAT93C56VP2I-T3 CATALYST-CAT93C56VP2I-T3 Datasheet
374Kb / 18P
   2-Kb Microwire Serial CMOS EEPROM
More results

Descripción similar - CAT93C56VP2IT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C56 CATALYST-CAT93C56_07 Datasheet
374Kb / 18P
   2-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAV93C56 ONSEMI-CAV93C56 Datasheet
136Kb / 10P
   2 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. 0
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com