Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT93C86ZD4ET3C Datasheet(PDF) 1 Page - ON Semiconductor |
|
CAT93C86ZD4ET3C Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 13 page CAT93C86 (Rev. C) © 2008 SCILLC. All rights reserved 1 Doc. No. MD-1091 Rev. R Characteristics subject to change without notice 16K-Bit Microwire Serial EEPROM FEATURES High speed operation: 3MHz Low power CMOS technology 1.8 to 5.5 volt operation Selectable x8 or x16 memory organization Self-timed write cycle with auto-clear Hardware and software write protection Power-up inadvertant write protection Sequential read Program enable (PE) pin 1,000,000 Program/erase cycles 100 year data retention Commercial, industrial and automotive temperature ranges RoHS-compliant packages PIN CONFIGURATION PDIP (L) SOIC (V, X) TDFN (ZD4) CS 1 8 VCC SK 2 7 PE DI 3 6 ORG DO 4 5 GND SOIC (W) PE 1 8 ORG VCC 2 7 GND CS 3 6 DO SK 4 5DI PIN FUNCTION (1) Pin Name Function CS Chip Select SK Clock Input DI Serial Data Input DO Serial Data Output VCC Power Supply GND Ground ORG Memory Organization PE Program Enable Notes: (1) When the ORG pin is connected to VCC, x16 organization is selected. When it is connected to ground, x8 pin is selected. If the ORG pin is left unconnected, then an internal pull-up device will select the x16 organization. DESCRIPTION The CAT93C86 is a 16K-bit Serial EEPROM memory device which is configured as either registers of 16 bits (ORG pin at VCC) or 8 bits (ORG pin at GND). Each register can be written (or read) serially by using the DI (or DO) pin. The CAT93C86 is manufactured using Catalyst’s advanced CMOS EEPROM floating gate technology. The device is designed to endure 1,000,000 program/erase cycles and has a data retention of 100 years. The device is available in 8-pin DIP, 8-pin SOIC and 8-pad TDFN packages. FUNCTIONAL SYMBOL For Ordering Information details, see page 12. CS SK PE ORG DO DI VCC GND |
Número de pieza similar - CAT93C86ZD4ET3C |
|
Descripción similar - CAT93C86ZD4ET3C |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |