Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT706RVI-G Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza CAT706RVI-G
Descripción Electrónicos  關P Supervisory Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT706RVI-G Datasheet(HTML) 1 Page - ON Semiconductor

  CAT706RVI-G Datasheet HTML 1Page - ON Semiconductor CAT706RVI-G Datasheet HTML 2Page - ON Semiconductor CAT706RVI-G Datasheet HTML 3Page - ON Semiconductor CAT706RVI-G Datasheet HTML 4Page - ON Semiconductor CAT706RVI-G Datasheet HTML 5Page - ON Semiconductor CAT706RVI-G Datasheet HTML 6Page - ON Semiconductor CAT706RVI-G Datasheet HTML 7Page - ON Semiconductor CAT706RVI-G Datasheet HTML 8Page - ON Semiconductor CAT706RVI-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CAT705, CAT706, CAT813
© 2010 SCILLC. All rights reserved.
1
Doc. No. MD-3030, Rev. D
Characteristics subject to change without notice
µP Supervisory Circuits
FEATURES
n Reset guaranteed valid for 1.0 V V
CC
n 6µA supply current
n 200ms Reset pulse width
n Watchdog timer function 1.6s timeout
n Accurate brownout detection reset in 3.0, 3.6,
and 5.0 volt systems
n Secondary low supply monitoring on PFI input
n Pin and function compatible with the
MAX705/MAX706/MAX813L products
n Operating Range from -40°C to +85°C
n RoHS Compliant SOIC 8-lead and MSOP 8-lead
packages
APPLICATIONS
n Microprocessor and microcontroller based
systems
n Instrument and control systems
n Portable equipment
DESCRIPTION
The CAT705, CAT706, and CAT813 provide reset and
monitoring functions for the electronic systems. Each
device monitors the system voltage and maintains a
reset output until that voltage reaches the device’s
specified trip value and then maintains the reset
output active condition until the device’s internal timer
allows the system power supply to stabilize.
The devices have a watchdog input which can be
used to monitor a system signal and causes WDO
¯¯¯¯ to
go low if the signal fails to change state prior to a
timeout condition.
The supervisory circuits provide a MR
¯¯¯ input which
initiates a reset if pulled low. The CAT705 and
CAT706 provide an active low RESET
¯¯¯¯¯¯ output. The
CAT813 provides an active high RESET output.
There is a secondary supply monitor (PFI) included for
power-fail warning.
For Ordering Information details, see page 13.
PIN CONFIGURATION
SOIC 8-Lead
2
3
1
4
WDO
WDI
8
RESET
7
6
MR
VCC
PFI
PFO
5
GND
(RESET for CAT813)
MSOP 8-Lead
2
3
1
4
WDI
PFI
8
PFO
7
6
RESET
(RESET for CAT813)
WDO
VCC
GND
5
MR
PIN FUNCTIONS
Pin Name
Function
MR
¯¯¯
Manual Reset Input
VCC
Power Supply
GND
Ground
PFI
Power Fail voltage monitor Input.
PFO
¯¯¯¯
Power Fail Output
WDI
Watchdog Timer Input
RESET
¯¯¯¯¯¯
CMOS Push-Pull Active Low Reset
Output (CAT705 & CAT706)
RESET
CMOS Push-Pull Active High Reset
Output (CAT813)
WDO
¯¯¯¯¯
Watchdog Timer Output


Número de pieza similar - CAT706RVI-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT706RVI-G CATALYST-CAT706RVI-G Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT706RVI-GT3 ONSEMI-CAT706RVI-GT3 Datasheet
137Kb / 12P
   uP Supervisory Circuits
April, 2012 ??Rev. 7
More results

Descripción similar - CAT706RVI-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
   Low-Cost, 關P Supervisory Circuits
2018
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6351 MAXIM-MAX6351 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
logo
PulseCore Semiconductor
ASM161 PULSECORE-ASM161 Datasheet
189Kb / 9P
   關P Supervisory Circuit
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P_06 Datasheet
159Kb / 7P
   關P Supervisory Circuit
MIC1832 MICREL-MIC1832_06 Datasheet
149Kb / 7P
   關P Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com