Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT803RSDI-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza CAT803RSDI-GT3
Descripción Electrónicos  3-Pin Microprocessor Power Supply Supervisors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT803RSDI-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT803RSDI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT803RSDI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT803RSDI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT803RSDI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT803RSDI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT803RSDI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT803RSDI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT803RSDI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT803RSDI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT803, CAT809, CAT810
4
Doc. No. MD-3004, Rev. AA
© 200 SCILLC. All rights reserved.
Characteristics subject to change without notice
ELECTRICAL CHARACTERISTICS
VCC = Full range, TA = -40ºC to +85ºC unless otherwise noted. Typical values at TA = +25ºC and VCC = 5V for
L/M/J versions, VCC = 3.3V for T/S versions, VCC = 3V for R version and VCC = 2.5V for Z version.
(continued)
notes:
() Production testing done at TA = +25ºC; limits over temperature guaranteed by design only.
(2) RESET output for the CAT809; RESET output for the CAT80.
Parameter
Symbol Conditions
Min
Typ(1) Max
units
Reset Threshold Tempco
30
ppm/ºC
VCC to Reset Delay (Note 2)
TD
VCC = VTH to (VTH - 00 mV)
20
µs
Reset Active Timeout Period
TR
TA = -40ºC to +85ºC
40
240
460
ms
RESET Output Voltage Low
(Open-drain active LOW,
CAT803 and push-pull,
active LOW, CAT809)
VOL
VCC = VTH min, ISINK = .2mA
CAT803R/S/T/Z, CAT809R/S/T/Z
0.3
V
VCC = VTH min, ISINK = 3.2mA
CAT803J/L/M, CAT809J/L/M
0.4
VCC > .0V, ISINK = 50µA
0.3
RESET Output Voltage High
(Push-pull, active LOW,
CAT809)
VOH
VCC = VTH max, ISOURCE = 500µA
CAT809R/S/T/Z
0.8 VCC
V
VCC = VTH max, ISOURCE = 800µA
CAT809J/L/M
VCC - .5
RESET Output Voltage Low
(Push-pull, active HIGH,
CAT80)
VOL
VCC > VTH max, ISINK = .2mA
CAT80R/S/T/Z
0.3
V
VCC > VTH max, ISINK = 3.2mA
CAT80J/L/M
0.4
RESET Output Voltage High
(Push-pull active HIGH,
CAT80)
VOH
.8V < VCC VTH min,
ISOURCE = 50µA
0.8 VCC
V


Número de pieza similar - CAT803RSDI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT803RSDI-GT3 CATALYST-CAT803RSDI-GT3 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT803RSDI-GT3 ONSEMI-CAT803RSDI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803RSDI-GT3 ONSEMI-CAT803RSDI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803RSDI-GT3 ONSEMI-CAT803RSDI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803RSDI-GT3 ONSEMI-CAT803RSDI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results

Descripción similar - CAT803RSDI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
logo
Catalyst Semiconductor
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com