Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT809MSDI-GT3 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza CAT809MSDI-GT3
Descripción Electrónicos  3-Pin Microprocessor Power Supply Supervisors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT809MSDI-GT3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT809MSDI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT809MSDI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT809MSDI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT809MSDI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT809MSDI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT809MSDI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT809MSDI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT809MSDI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT809MSDI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT803, CAT809, CAT810
3
Doc. No. MD-3004, Rev. AA
© 200 SCILLC. All rights reserved.
Characteristics subject to change without notice
ELECTRICAL CHARACTERISTICS
VCC = Full range, TA = -40ºC to +85ºC unless otherwise noted. Typical values at TA = +25ºC and VCC = 5V for the
L/M/J versions, VCC = 3.3V for the T/S versions, VCC = 3V for the R version and VCC = 2.5V for the Z version.
Parameter
Symbol Conditions
Min
Typ
Max
units
VCC Range
TA = 0ºC to +70ºC
.0
5.5
V
TA = -40ºC to +85ºC
.2
5.5
Supply Current
ICC
TA = -40ºC to +85ºC
VCC < 5.5V, J/L/M
8
20
µA
VCC < 3.6V, R/S/T/Z
6
5
Reset
Threshold
Voltage
VTH
L Threshold
TA = +25ºC
4.56
4.63
4.70
V
TA = -40ºC to +85ºC
4.50
4.75
M Threshold
TA = +25ºC
4.3
4.38
4.45
TA = -40ºC to +85ºC
4.25
4.50
J Threshold
TA = +25ºC
3.93
4.00
4.06
TA = -40ºC to +85ºC
3.89
4.0
T Threshold
TA = +25ºC
3.04
3.08
3.
TA = -40ºC to +85ºC
3.00
3.5
S Threshold
TA = +25ºC
2.89
2.93
2.96
TA = -40ºC to +85ºC
2.85
3.00
R Threshold
TA = +25ºC
2.59
2.63
2.66
TA = -40ºC to +85ºC
2.55
2.70
Z Threshold
TA = +25ºC
2.28
2.32
2.35
TA = -40ºC to +85ºC
2.25
2.38
ABSOLuTE MAXIMuM RATInGS(1)
Any pin with respect to ground
-0.3V to +6.0V
Input Current, VCC
20mA
Output Current, RESET, RESET
20mA
Rate of Rise, VCC
00V/µs
Continuous Power Dissipation
Derate 2.2mW/ºC above 70ºC (SC70) 75 mW
Derate 4mW/ºC above 70ºC (SOT23)
320 mW
Operating Temperature Range
-40ºC to +85ºC
Storage Temperature Range
-65ºC to +05ºC
Lead Soldering Temperature (0 sec)
300ºC
note:
() Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification
is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.


Número de pieza similar - CAT809MSDI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT809MSDI-GT3 CATALYST-CAT809MSDI-GT3 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809MSDI-GT3 ONSEMI-CAT809MSDI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809MSDI-GT3 ONSEMI-CAT809MSDI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809MSDI-GT3 ONSEMI-CAT809MSDI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809MSDI-GT3 ONSEMI-CAT809MSDI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results

Descripción similar - CAT809MSDI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
logo
Catalyst Semiconductor
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com