Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT811RTBI-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza CAT811RTBI-GT3
Descripción Electrónicos  4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT811RTBI-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT811RTBI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT811RTBI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT811RTBI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT811RTBI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT811RTBI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT811RTBI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT811RTBI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT811RTBI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT811RTBI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CAT811, CAT812
ELECTRICAL OPERATING CHARACTERISTICS
(continued)
VCC = Full range, TA = -40°C to +85°C unless otherwise noted. Typical values at TA = +25°C and VCC = 5V for the
L/M/J versions, V
= 3.3V for the T/S versions, V
= 3V for the R version and V
CC
CC
CC = 2.5V for the Z version.
Parameter
Symbol
Conditions
Min
Typ
(1)
Max
Units
Reset Threshold
Tempco
30
ppm/˚C
VCC to Reset
Delay
V
(2)
CC = VTH to (VTH - 100mV)
20
µs
Reset Active
Timeout Period
TA = -40˚C to +85˚C
140
240
400
ms
VCC = V
, I
TH min
SINK = 1.2mA
CAT811R/S/T/Z
0.3
VCC = VTH min, ISINK = 3.2mA
CAT811J/L/M
0.4
RESET
¯¯¯¯¯¯ Output
Voltage Low
(Push-pull, active
LOW, CAT811)
V
VOL
VCC > 1.0V, ISINK = 50µA
0.3
VCC = VTH max, ISOURCE = 500µA
CAT811R/S/T/Z
0.8VCC
RESET
¯¯¯¯¯¯ Output
Voltage High
(Push-pull, active
LOW, CAT811)
V
VOH
VCC = VTH max, ISOURCE = 800µA
CAT811J/L/M
VCC - 1.5
VCC > VTH max, ISINK = 1.2mA
CAT812R/S/T/Z
0.3
RESET Output
Voltage Low
(Push-pull, active
HIGH, CAT812)
VOL
V
VCC > VTH max, ISINK = 3.2mA
CAT812J/L/M
0.4
RESET Output
Voltage High
(Push-pull active
HIGH, CAT812)
VOH
1.8 V < VCC ≤ VTH min,
ISOURCE = 150µA
0.8VCC
V
MR
¯¯¯ Minimum
Pulse Width
t
10
µs
MR
MR
¯¯¯ Glitch
Immunity
Note 3
100
ns
MR
¯¯¯ to RESET
Propagation Delay
t
Note 2
0.5
µs
MD
V
V
IH
CC > V
, CAT811/812L/M/J
2.3V
TH (MAX)
V
0.8
V
IL
VIH
VCC > VIH (MAX), CAT811/812R/S/T/Z
0.7VCC
MR
¯¯¯ Input
Threshold
VIL
0.25VCC
MR
¯¯¯ Pull-up
Resistance
10
20
75
kΩ
Notes:
(1) Production testing done at TA = +25˚C; limits over temperature guaranteed by design only.
(2) RESET
¯¯¯¯¯¯ output for the CAT811; RESET output for the CAT812
(3) Glitches of 100ns or less typically will not generate a reset pulse
Doc. No. MD-3005 Rev. U
4
© 2010 SCILLC. All rights reserved.
Characteristics subject to change without notice


Número de pieza similar - CAT811RTBI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT811RTBI-GT3 CATALYST-CAT811RTBI-GT3 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811RTBI-GT3 ONSEMI-CAT811RTBI-GT3 Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811RTBI-GT3 ONSEMI-CAT811RTBI-GT3 Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811RTBI-GT3 ONSEMI-CAT811RTBI-GT3 Datasheet
78Kb / 9P
   4-Pin Microprocessor Power Supply Supervisor
July, 2015 ??Rev. 3
More results

Descripción similar - CAT811RTBI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_08 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com