Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT809LTBI-GT3 Datasheet(PDF) 11 Page - ON Semiconductor

No. de pieza CAT809LTBI-GT3
Descripción Electrónicos  3-Pin Microprocessor Power Supply Supervisors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT809LTBI-GT3 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT809LTBI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT809LTBI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT809LTBI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT809LTBI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT809LTBI-GT3 Datasheet HTML 10Page - ON Semiconductor CAT809LTBI-GT3 Datasheet HTML 11Page - ON Semiconductor CAT809LTBI-GT3 Datasheet HTML 12Page - ON Semiconductor CAT809LTBI-GT3 Datasheet HTML 13Page - ON Semiconductor CAT809LTBI-GT3 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CAT803, CAT809, CAT810

Doc. No. MD-3004, Rev. AA
© 200 SCILLC. All rights reserved.
Characteristics subject to change without notice
EXAMPLE Of ORDERInG InfORMATIOn (2) (3) (4)
Prefix
Device #
Suffix
809
S
TBI
G
Device Type
803: Open-Drain / Active Low Output
809: Push-Pull / Active Low Output
810: Push-Pull / Active High Output
CAT
Trip Level
L: 4.63V
M: 4.38V
J: 4.00V
T: 3.08V
S: 2.93V
R: 2.63V
Z: 2.32V
Company ID
Package Type(1)
TBI: SOT-23 Green
SDI: SC70 Green
Lead Finish
G: NiPdAu
T3
T: Tape & Reel
3: 3000/Reel
TOP MARKInG
notes:
() All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu. Contact factory for other lead finishes.
(3) The device used in the example above is a CAT809STBI-GT3 (Push-Pull / Active Low Output, trip level of 2.85V to 3.00V NiPdAu, Tape and
Reel, 3,000/Reel).
(4) For additional package and temperature options, please contact your nearest ON Semiconductor Sales office.
Device(1)
SOT-23 RoHS
niPdAu
Finish(2)(3)
SC70 RoHS
niPdAu
Finish(2)(3)
CAT803x
RNYM
RN__
CAT809x
NRYM
NR__
CAT80x
NSYM
NS__
notes:
() All theshold trip level options have the same marking.
(2) The “YM” in the SOT-23 package marking indicates the Year and Month of production and the “_” in the SC70 package marking indicates
the assembly location.
(3) All NiPdAu devices will be marked to indicate product type and package. Threshold and full part numbers will be provided on box and reel
labels as well as all Shipping documents.


Número de pieza similar - CAT809LTBI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT809LTBI-GT3 CATALYST-CAT809LTBI-GT3 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809LTBI-GT3 ONSEMI-CAT809LTBI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI-GT3 ONSEMI-CAT809LTBI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI-GT3 ONSEMI-CAT809LTBI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI-GT3 ONSEMI-CAT809LTBI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results

Descripción similar - CAT809LTBI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
logo
Catalyst Semiconductor
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com