Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT3636HV3-T2 Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza CAT3636HV3-T2
Descripción Electrónicos  6-Channel Quad-Mode Fractional LED Driver in TQFN 3x3
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3636HV3-T2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT3636HV3-T2 Datasheet HTML 6Page - ON Semiconductor CAT3636HV3-T2 Datasheet HTML 7Page - ON Semiconductor CAT3636HV3-T2 Datasheet HTML 8Page - ON Semiconductor CAT3636HV3-T2 Datasheet HTML 9Page - ON Semiconductor CAT3636HV3-T2 Datasheet HTML 10Page - ON Semiconductor CAT3636HV3-T2 Datasheet HTML 11Page - ON Semiconductor CAT3636HV3-T2 Datasheet HTML 12Page - ON Semiconductor CAT3636HV3-T2 Datasheet HTML 13Page - ON Semiconductor CAT3636HV3-T2 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CAT3636
http://onsemi.com
10
Register Configuration and Programming
Table 6. REGISTER ADDRESS AND DATA
Register
Address
Pulses
Description
Bits
DATA Pattern
Bit 3
Bit 2
Bit 1
Bit 0
REG1
1
Bank Enable and IMODE
4
IMODE
ENA
ENB
ENC
REG2
2
Global Current Setting
4
See Table 8 for values
REG3
3
Bank A Current Setting
4
REG4
4
Bank B Current Setting
4
REG5
5
Bank C Current Setting
4
REG6
6
Return Lockout
1
RTLKO
Register REG1 allows to set the mode and select the pairs
of LEDs to be turned on. A low LED current mode exists to
allow for very low current operation under 4 mA per
channel. If IMODE equals 1, the high current range is
selected up to 32 mA. If IMODE is set to 0, all currents are
divided by 8. Each bank of LEDs (A, B or C) can be turned
on independently by setting the respective bit ENA, ENB,
ENC to 1, as shown in Table 7. For example, to enable all 6
LEDs in low current mode, REG1 is programmed to 0111
binary (9 data pulses).
Table 7. REG1 REGISTER SETTING
Data
Pulses
REG1 Value
(binary)
IMODE
Bank Enable
ENA
ENB
ENC
0
0000
0
1
1111
1
On
On
On
2
1110
1
On
On
3
1101
1
On
On
4
1100
1
On
5
1011
1
On
On
6
1010
1
On
7
1001
1
On
8
1000
1
9
0111
0
On
On
On
10
0110
0
On
On
11
0101
0
On
On
12
0100
0
On
13
0011
0
On
On
14
0010
0
On
15
0001
0
On
16
0000
0
Register REG2 allows to set the same current for all 6
channels. REG3, REG4, REG5 allow to set the current
respectively in banks A, B and C. The three banks can be
programmed with independent current values.
Table 8. REG2−5 CURRENT SETTING REGISTERS
Data
Pulses
REGx Value
(binary)
LED Current
IMODE = 0
LED Current
IMODE = 1
0
0000
0.0 mA
2 mA
1
1111
3.75 mA
32 mA
2
1110
3.5 mA
30 mA
3
1101
3.25 mA
28 mA
4
1100
3 mA
26 mA
5
1011
2.75 mA
24 mA
6
1010
2.5 mA
22 mA
7
1001
2.25 mA
20 mA
8
1000
2 mA
18 mA
9
0111
1.75 mA
16 mA
10
0110
1.5 mA
14 mA
11
0101
1.25 mA
12 mA
12
0100
1 mA
10 mA
13
0011
0.75 mA
8 mA
14
0010
0.5 mA
6 mA
15
0001
0.25 mA
4 mA
16
0000
0.0 mA
2 mA
REG6 contains the return lockout (RTLKO) bit. This
stops the charge pump returning to 1x mode. One pulse sets
it to 1. Two pulses or no pulses set RTLKO to 0. When
RTLKO is set to 1, the charge pump cannot automatically
return to 1x mode when in one of the charge pump modes.
The device can however move from 1x to 1.33x to 1.5x to
2x if the input voltage is not sufficient to drive the
programmed LED currents.
REG6 also triggers a charge pump reset as soon as it is
addressed. This forces the charge pump to start from 1x
mode and reassess the correct mode it should be in to drive
the LEDs most efficiently. If the input voltage has risen or
the device has been reprogrammed to other LED values, it
is recommended to trigger this reset allowing the charge
pump to run in the most efficient mode.
The CAT3636 enters a “zero current” shutdown mode if
EN/SET is held low for 1.5 ms or more. All registers are
reset back to zero when the device is placed in shutdown.


Número de pieza similar - CAT3636HV3-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT3636HV3-T2 CATALYST-CAT3636HV3-T2 Datasheet
398Kb / 16P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
logo
ON Semiconductor
CAT3636HV3-T2 ONSEMI-CAT3636HV3-T2 Datasheet
328Kb / 16P
   6-Channel Quad-Mode Fractional LED Driver in TQFN3x3
Doc. No. MD-5020 Rev. F
More results

Descripción similar - CAT3636HV3-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT3636HV3-T2 ONSEMI-CAT3636HV3-T2 Datasheet
328Kb / 16P
   6-Channel Quad-Mode Fractional LED Driver in TQFN3x3
Doc. No. MD-5020 Rev. F
logo
Catalyst Semiconductor
CAT3636 CATALYST-CAT3636_08 Datasheet
344Kb / 16P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
CAT3636 CATALYST-CAT3636 Datasheet
436Kb / 15P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
CAT3636 CATALYST-CAT3636_07 Datasheet
398Kb / 16P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
logo
ON Semiconductor
CAT3637HV3-GT2 ONSEMI-CAT3637HV3-GT2 Datasheet
270Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode LED Driver
Doc. No. MD-5033 Rev. C
CAT3637 ONSEMI-CAT3637 Datasheet
227Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3637 CATALYST-CAT3637 Datasheet
283Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode??LED Driver
logo
ON Semiconductor
CAT3649 ONSEMI-CAT3649 Datasheet
304Kb / 14P
   6-Channel Quad-Mode LED Driver with 32 Dimming Levels & PWM
November, 2010 ??Rev. 2
CAT4106 ONSEMI-CAT4106_14 Datasheet
219Kb / 15P
   6 W Quad Channel DC/DC LED Driver
June, 2014 ??Rev. 4
CAT3643 ONSEMI-CAT3643 Datasheet
214Kb / 15P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
May, 2010 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com