Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT4004VP2-T3 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza CAT4004VP2-T3
Descripción Electrónicos  4-Channel Constant Current LED Driver with EZDim
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4004VP2-T3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT4004VP2-T3 Datasheet HTML 1Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 2Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 3Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 4Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 5Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 6Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 7Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 8Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT4004
http://onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
(VIN = 4 V, VF = 3.3 V, IOUT = 80 mA (4 LEDs at 20 mA), CIN = 1 mF, TAMB = 25°C unless otherwise specified.)
Figure 3. Quiescent Current vs. Input Voltage
Figure 4. Quiescent Current vs. Temperature
INPUT VOLTAGE (V)
TEMPERATURE (°C)
5.5
5.0
4.5
4.0
3.5
3.0
2.5
0.6
0.8
1.0
1.2
1.4
120
80
40
0
−40
0.6
0.8
1.0
1.2
1.4
Figure 5. LED Current Change vs. Input
Voltage
Figure 6. LED Current Change vs.
Temperature
INPUT VOLTAGE (V)
TEMPERATURE (°C)
5.5
5.0
4.5
4.0
3.5
3.0
−1.0
−0.8
−0.4
−0.2
0.2
0.4
0.6
1.0
120
80
40
0
−40
−10
−8
−4
−2
2
4
8
10
Figure 7. LED Current vs. RSET Resistor
RSET (kW)
20
15
10
5
0
0
10
20
30
40
−0.6
0
0.8
−6
0
6


Número de pieza similar - CAT4004VP2-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT4004VP2-T3 CATALYST-CAT4004VP2-T3 Datasheet
295Kb / 11P
   4-Channel Constant Current LED Driver with EZDi TM
CAT4004VP2-T3 CATALYST-CAT4004VP2-T3 Datasheet
248Kb / 11P
   4-Channel Constant Current LED Driver with EZDim?
logo
ON Semiconductor
CAT4004VP2-T3 ONSEMI-CAT4004VP2-T3 Datasheet
219Kb / 11P
   4-Channel Constant Current LED Driver with EZDim
Doc. No. MD-5024 Rev. C
More results

Descripción similar - CAT4004VP2-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT4004 CATALYST-CAT4004_08 Datasheet
248Kb / 11P
   4-Channel Constant Current LED Driver with EZDim?
logo
ON Semiconductor
CAT4004VP2-T3 ONSEMI-CAT4004VP2-T3 Datasheet
219Kb / 11P
   4-Channel Constant Current LED Driver with EZDim
Doc. No. MD-5024 Rev. C
logo
SamHop Microelectronics...
SM6704 SAMHOP-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
SM6704A SAMHOP-SM6704A Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
M.S. Kennedy Corporatio...
SM6704A MSK-SM6704A Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
SM6704 MSK-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
Catalyst Semiconductor
CAT4004 CATALYST-CAT4004 Datasheet
295Kb / 11P
   4-Channel Constant Current LED Driver with EZDi TM
logo
List of Unclassifed Man...
UCS2904B ETC-UCS2904B Datasheet
488Kb / 8P
   4-channel LED constant current driver UCS2904B
ver2.
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
   4-Channel Constant Current White LED Driver
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com