Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT4016Y-T2 Datasheet(PDF) 2 Page - ON Semiconductor |
|
CAT4016Y-T2 Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 14 page CAT4016 http://onsemi.com 2 PIN CONNECTIONS 24−Lead SOIC (W), TSSOP (Y), QSOP (VS) 1 GND SIN CLK LED1 LATCH VDD RSET SOUT BLANK LED16 LED15 LED14 LED13 LED2 LED3 LED4 LED12 LED11 LED10 LED9 LED5 LED6 LED7 LED8 24−Lead QSOP (VSR) 24−Lead TQFN (HV6) LED14 LED13 LED12 LED11 LED10 LED9 GND SIN CLK LED1 LATCH LED2 1 1 LED14 LED13 LED12 LED11 LED10 LED9 LED8 LED7 LED6 LED5 LED4 LED3 LED15 LED16 BLANK RSET SOUT VDD GND SIN CLK LATCH LED1 LED2 (Top Views) Figure 1. Typical Application Circuit LED1 VDD VIN 3 V to 5.5 V 1 mF 20 mA 3 kW BLANK LATCH SIN CLK LED2 GND CAT4016 LED16 SOUT to next device RSET Table 1. ABSOLUTE MAXIMUM RATINGS Parameter Rating Units VDD Supply Voltage 6 V Logic input/output voltage (SIN, SOUT, CLK, BLANK, LATCH) −0.3 V to VDD+0.3 V V LEDn voltage 6 V DC output current on LED1 to LED16 150 mA Storage Temperature Range −55 to +160 _C Junction Temperature Range −40 to +150 _C Lead Soldering Temperature (10 sec.) 300 _C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. Table 2. RECOMMENDED OPERATING CONDITIONS Parameter Range Units VDD 3.0 to 5.5 V Voltage applied to LED1 to LED16 0.4 to 5.5 V LED current RSET control range up to 100 mA Ambient Temperature Range −40 to +85 _C |
Número de pieza similar - CAT4016Y-T2 |
|
Descripción similar - CAT4016Y-T2 |