Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSH512CYFT Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza TSH512CYFT
Descripción Electrónicos  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512CYFT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSH512CYFT Datasheet HTML 4Page - STMicroelectronics TSH512CYFT Datasheet HTML 5Page - STMicroelectronics TSH512CYFT Datasheet HTML 6Page - STMicroelectronics TSH512CYFT Datasheet HTML 7Page - STMicroelectronics TSH512CYFT Datasheet HTML 8Page - STMicroelectronics TSH512CYFT Datasheet HTML 9Page - STMicroelectronics TSH512CYFT Datasheet HTML 10Page - STMicroelectronics TSH512CYFT Datasheet HTML 11Page - STMicroelectronics TSH512CYFT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Electrical characteristics
TSH512
8/31
Doc ID 8120 Rev 7
Audio LNA+ALC+PEA sections
THDALC
Total harmonic distortion in
linear region on PEA-OUT1
pin17 or PEA-OUT2 pin 39
GLNA = 0 dB, f = 1 kHz
(Vin)ALC < 25 mVrms (-30 dBu)
RL = 22 kΩ tied to GND
0.05
0.15
%
-40° C < Tamb < +85° C
0.25
THDAGC
Total harmonic distortion in
compression region
(Vin)ALC = 36 mVrms (-27 dBu)
(Vin)ALC= 100 mVrms (-18 dBu)
RL = 22 kΩ tied to GND
1.3
3
1.7
4
%
-40° C < Tamb <+85°C
(Vin)ALC = 36 mVrms (-27 dBu)
(Vin)ALC= 100 mVrms (-18 dBu)
2.5
5.3
ΦΜPEA
Phase margin at
PEA-OUT1 pin 17 or
PEA-OUT2 pin 39
RL =22kΩ
LNA and PEA at unity gain
Vin = 40 mV
70
°
Microphone biasing section
VMIC-BIAS
Microphone biasing voltage
(Section 5.3 on page 20)
IMIC-BIAS = 2.5 mA
2.15
2.25
2.35
V
-40° C < Tamb < +85° C
2.14
2.36
ΔVMIC-BIAS
VMIC-BIAS temperature
coefficient
Over temp. range:
[0, 70° C]
[-40, 85° C]
IMIC-BIAS = 2.5 mA
260
460
ppm/°C
IMIC-BIAS
MIC-BIAS current capability Over VCC range [2.3 V–5.5 V]
2.5
mA
PSRRMIC-BIAS
Power supply rejection ratio
of MIC-BIAS
At 1 kHz and Vripple = 25 mVRMS
50
dB
enMIC-BIAS
Equivalent input noise of
MIC-BIAS
VCC =2.7 V
VCC =5.0 V
22
42
nV/
√Hz
Vox operated switch (VOX) section
IVOX-TIMER
Monostable current source
(VOX-TIMER pin 29)
VCC = 2.7V
5
µA
VTHVOX-TIMER
Threshold voltage of the
Monostable (time constant)
1.4
V
VMUTE_L
Low level output voltage
(VOX-MUTE pin 27)
RL = 2 kΩ
0.2
V
-40° C < Tamb <+85°C
0.2
VMUTE_H
High level output voltage
(VOX-MUTE pin 27)
RL = 2 kΩ
VCC-0.3
V
-40° C < Tamb <+85°C
VCC-
0.32
Table 4.
Electrical characteristics for VCC = 2.7 V, Tamb = 25° C, faudio = 1 kHz, fcarrier = 2.8 MHz
(unless otherwise specified) (continued) (1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


Número de pieza similar - TSH512CYFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TSH512C STMICROELECTRONICS-TSH512C Datasheet
1Mb / 19P
   HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
TSH512CF STMICROELECTRONICS-TSH512CF Datasheet
1Mb / 19P
   HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
TSH512CFT STMICROELECTRONICS-TSH512CFT Datasheet
1Mb / 19P
   HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
More results

Descripción similar - TSH512CYFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TSH511 STMICROELECTRONICS-TSH511_07 Datasheet
1Mb / 25P
   Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
TSH512 STMICROELECTRONICS-TSH512 Datasheet
1Mb / 19P
   HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
TSH511 STMICROELECTRONICS-TSH511 Datasheet
1Mb / 18P
   HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator
logo
List of Unclassifed Man...
500028 ETC2-500028 Datasheet
57Kb / 2P
   Stereo Hi-Fi Balun
logo
Rohm
BU2682MUV-E2 ROHM-BU2682MUV-E2 Datasheet
41Kb / 2P
   Broadcast station-level Hi-Fi stereo
logo
List of Unclassifed Man...
TWS-F86L ETC2-TWS-F86L Datasheet
494Kb / 3P
   HI POWER 10mW FM stereo transmitter
logo
NXP Semiconductors
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8421 PHILIPS-TDA8421 Datasheet
294Kb / 26P
   Hi-fi stereo audio processor; I2C bus
May 1988
TDA8425V7 PHILIPS-TDA8425V7 Datasheet
286Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
   Hi-Fi stereo audio processor; I2C-bus
September 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com