Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT4134HV2-T2 Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza CAT4134HV2-T2
Descripción Electrónicos  500 mA Dual Channel Movie/Flash LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4134HV2-T2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT4134HV2-T2 Datasheet HTML 4Page - ON Semiconductor CAT4134HV2-T2 Datasheet HTML 5Page - ON Semiconductor CAT4134HV2-T2 Datasheet HTML 6Page - ON Semiconductor CAT4134HV2-T2 Datasheet HTML 7Page - ON Semiconductor CAT4134HV2-T2 Datasheet HTML 8Page - ON Semiconductor CAT4134HV2-T2 Datasheet HTML 9Page - ON Semiconductor CAT4134HV2-T2 Datasheet HTML 10Page - ON Semiconductor CAT4134HV2-T2 Datasheet HTML 11Page - ON Semiconductor CAT4134HV2-T2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CAT4134
http://onsemi.com
8
Device Operation
The device is powered from the input pin VIN. A
switching frequency of 1.2 MHz is used in Movie mode,
when the FLASH input is low. Continuous LED current up
to 50 mA is controlled by the RSET resistor. For higher load
current, the Flash mode is selected by setting the FLASH
input pin high. RFLASH now controls the LED current. In
flash mode, the driver efficiency is kept high even under
high load current by using a lower switching frequency of
900 kHz. In movie mode, the higher frequency of 1.2 MHz
provides a lower noise operation.
Overvoltage Protection (OVP)
To prevent the SW pin voltage from exceeding the internal
switch maximum voltage rating, an overvoltage protection
(OVP) function is supported. The OVP pin allows to set the
maximum operating voltage on the output VOUT using
external resistors R1 and R2. The resistor ratio sets the
maximum output voltage as shown in the equation below:
R1
R2 +
VOUTMAX
1.2
* 1.2
VOUTMAX should always be higher than the total LED
forward voltage (
SVf) plus 1.2 V. Also VOUT must be less
than
SVf + 8 V.
SVf ) 1.2 V t VOUTMAX t SVf ) 8V t 16 V
If the overvoltage protection is not needed, then the OVP pin
should be connected to Ground. In that case, the maximum
voltage on the SW pin is set to 17 V.
Block Diagram
Dual
Frequency
PWM
Controller
SW
PGND
LED2
LED1
OVP
AGND
RSET
mux
RSET
RFLASH
FLASH
EN
VIN
VIN
VOUT
RFLASH
R1
R2
2 Current Sink
Regulators
Current
Setting
Figure 15. Block Diagram
COUT
CIN


Número de pieza similar - CAT4134HV2-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT4134HV2-T2 CATALYST-CAT4134HV2-T2 Datasheet
327Kb / 13P
   500mA Dual Channel Movie/Flash LED Driver
logo
ON Semiconductor
CAT4134HV2-T2 ONSEMI-CAT4134HV2-T2 Datasheet
299Kb / 13P
   500mA Dual Channel Movie/Flash LED Driver
Doc. No. MD-5021 Rev. C
More results

Descripción similar - CAT4134HV2-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT4134HV2-T2 ONSEMI-CAT4134HV2-T2 Datasheet
299Kb / 13P
   500mA Dual Channel Movie/Flash LED Driver
Doc. No. MD-5021 Rev. C
logo
Catalyst Semiconductor
CAT4134 CATALYST-CAT4134_08 Datasheet
327Kb / 13P
   500mA Dual Channel Movie/Flash LED Driver
CAT4134 CATALYST-CAT4134 Datasheet
321Kb / 13P
   500mA Dual Channel Movie/Flash LED Driver
logo
IXYS Corporation
LDS8621 IXYS-LDS8621 Datasheet
208Kb / 8P
   200 mA, Dual Output LED Flash/Lamp Driver
LDS8620 IXYS-LDS8620 Datasheet
245Kb / 12P
   200 mA, Dual Output LED Flash/Lamp Driver
logo
Texas Instruments
THS6012 TI1-THS6012_16 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI-THS6012 Datasheet
604Kb / 35P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
logo
Analog Devices
ADP1660 AD-ADP1660 Datasheet
620Kb / 28P
   Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
IXYS Corporation
LDS8681 IXYS-LDS8681 Datasheet
396Kb / 9P
   800 mA, Dual Output LED Flash/PWM Dimming Lamp Driver
logo
ON Semiconductor
CAT3612 ONSEMI-CAT3612 Datasheet
171Kb / 13P
   Programmable 300 mA Camera Flash LED Driver
April, 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com