Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT93C57ZD4ET2E Datasheet(PDF) 4 Page - ON Semiconductor |
|
CAT93C57ZD4ET2E Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 17 page CAT93C56, CAT93C57 http://onsemi.com 4 Table 6. A.C. CHARACTERISTICS (Note 5), CAT93C56, Die Rev. G – New Product (VCC = +1.8V to +5.5V, TA = −40°C to +125°C, unless otherwise specified.) Symbol Parameter Limits Units Min Max tCSS CS Setup Time 50 ns tCSH CS Hold Time 0 ns tDIS DI Setup Time 100 ns tDIH DI Hold Time 100 ns tPD1 Output Delay to 1 0.25 ms tPD0 Output Delay to 0 0.25 ms tHZ (Note 6) Output Delay to High−Z 100 ns tEW Program/Erase Pulse Width 5 ms tCSMIN Minimum CS Low Time 0.25 ms tSKHI Minimum SK High Time 0.25 ms tSKLOW Minimum SK Low Time 0.25 ms tSV Output Delay to Status Valid 0.25 ms SKMAX Maximum Clock Frequency DC 2000 kHz Table 7. A.C. CHARACTERISTICS (Note 5), CAT93C56/57, Die Rev. E – Mature Product (CAT93C56 Rev. E − NOT RECOMMENDED FOR NEW DESIGNS) Symbol Parameter Limits Units VCC = 1.8 V − 5.5 V VCC = 2.5 V − 5.5 V VCC = 4.5 V − 5.5 V Min Max Min Max Min Max tCSS CS Setup Time 200 100 50 ns tCSH CS Hold Time 0 0 0 ns tDIS DI Setup Time 400 200 100 ns tDIH DI Hold Time 400 200 100 ns tPD1 Output Delay to 1 1 0.5 0.25 ms tPD0 Output Delay to 0 1 0.5 0.25 ms tHZ (Note 6) Output Delay to High−Z 400 200 100 ns tEW Program/Erase Pulse Width 10 10 10 ms tCSMIN Minimum CS Low Time 1 0.5 0.25 ms tSKHI Minimum SK High Time 1 0.5 0.25 ms tSKLOW Minimum SK Low Time 1 0.5 0.25 ms tSV Output Delay to Status Valid 1 0.5 0.25 ms SKMAX Maximum Clock Frequency DC 250 DC 500 DC 1000 kHz Table 8. POWER−UP TIMING (Notes 6 and 7) Symbol Parameter Max Units tPUR Power−up to Read Operation 1 ms tPUW Power−up to Write Operation 1 ms 5. Test conditions according to “A.C. Test Conditions” table. 6. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100 and JEDEC test methods. 7. tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. |
Número de pieza similar - CAT93C57ZD4ET2E |
|
Descripción similar - CAT93C57ZD4ET2E |