Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT5121 Datasheet(PDF) 10 Page - ON Semiconductor |
|
CAT5121 Datasheet(HTML) 10 Page - ON Semiconductor |
10 / 12 page CAT5120, CAT5121, CAT5122 Doc. No. MD-2121 Rev. G 10 © 2009 SCILLC. All rights reserved. Characteristics subject to change without notice EXAMPLE OF ORDERING INFORMATION (1) Notes: (1) All packages are RoHS-compliant (Lead-free, Halogen-free). (2) The standard finish is NiPdAu. (3) The device used in the example above is a CAT5120SDI-10GT3 (SC-70, Industrial Temperature, 10 kΩ, NiPdAu, Tape & Reel, 3,000/Reel). (4) For additional package and temperature options, please contact your nearest ON Semiconductor Sales office. Prefix Device # Suffix CAT 5120 SD I -10 G T3 Optional Company ID Temperature Range I = Industrial (-40ºC to 85ºC) Resistance -10: 10 kΩ -50: 50 kΩ -00: 100 kΩ Tape & Reel T: Tape & Reel 3: 3,000/Reel Product Number 5120 5121 5122 Package SD: SC-70 TB: SOT-23 Lead Finish Blank: Matte-Tin G: NiPdAu |
Número de pieza similar - CAT5121 |
|
Descripción similar - CAT5121 |