Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT5126ZI-10-GT3 Datasheet(PDF) 2 Page - ON Semiconductor |
|
CAT5126ZI-10-GT3 Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 11 page CAT5126 Doc. No. MD-2129 Rev. D 2 © 2009 SCILLC. All rights reserved. Characteristics subject to change without notice PIN DESCRIPTION Pin Name Function 1 RW Wiper Connection 2 CS ¯¯¯ Chip-Select Input. A high-to-low CS ¯¯¯ transition determines the mode: increment if U/D ¯ is high, or decrement if U/D ¯ is low. CS ¯¯¯ is also used for one-time programming (see the One-Time Programming section). 3 VDD Power-Supply Voltage 4 GND Ground 5 VPP Programming Voltage for One-Time Programming. Connect VPP to 10 V supply when one-time programming the device. For normal operation, connect to ground or let float. 6 U/D ¯ Up/Down Control Input. With CS ¯¯¯ low, a low-to-high transition increments or decrements the wiper position. 7 RL Low Terminal of Resistor 8 RH High Terminal of Resistor ABSOLUTE MAXIMUM RATINGS (1) Parameters Ratings Units VDD to GND -0.5 to +7.0 V VPP to GND -0.5 to +12.0 V All other pins to GND -0.5 to VDD +0.5 V Maximum Continuous Current into H, L, and W ±1.5 mA Continuous Power Dissipation (TA = +70°C) MSOP 8-Lead (derate 4.5mW/°C above +70°C) TDFN 8-Pad (derate 24.4mW/°C above +70°C) 362 1951 mW mW Operating Temperature Range -40 to +85 ºC Junction Temperature +150 ºC Storage Temperature Range -65 to +150 ºC Lead Temperature (soldering, 10 s) +300 ºC Notes: (1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. |
Número de pieza similar - CAT5126ZI-10-GT3 |
|
Descripción similar - CAT5126ZI-10-GT3 |