Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT5132 Datasheet(PDF) 4 Page - ON Semiconductor |
|
CAT5132 Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 14 page CAT5132 http://onsemi.com 4 Table 5. D.C. ELECTRICAL CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.) Symbol Parameter Test Conditions Min Max Units ICC1 Power Supply Current (Volatile Write/Read) FSCL = 400 kHz, SDA Open, VCC = 5.5 V, Input = GND 1 mA ICC2 Power Supply Current (Nonvolatile WRITE) FSCL = 400 kHz, SDA Open, VCC = 5.5 V, Input = GND 3.0 mA ISB(VCC) Standby Current (VCC = 5 V) VIN = GND or VCC, SDA = VCC 5 mA ISB(V+) V+ Standby Current VCC = 5 V, V+ = 16 V 10 mA ILI Input Leakage Current VIN = GND to VCC 10 mA ILO Output Leakage Current VOUT = GND to VCC 10 mA VIL Input Low Voltage −1 VCC x 0.3 V VIH Input High Voltage VCC x 0.7 VCC + 1.0 V VOL1 Output Low Voltage (VCC = 3.0) IOL = 3 mA 0.4 V Table 6. CAPACITANCE (TA = 25°C, f = 1.0 MHz, VCC = 5.0 V) Symbol Parameter Test Conditions Min Max Units CI/O Input/Output Capacitance (SDA) VI/O = 0 V (Note 8) 8 pF CIN Input Capacitance (A0, A1, SCL) VIN = 0 V (Note 8) 6 pF Table 7. A.C. CHARACTERISTICS Symbol Parameter (see Figure 6) VCC = 2.7 − 5.5 V Units Min Max FSCL Clock Frequency 400 kHz TI (Note 8) Noise Suppression Time Constant at SCL & SDA Inputs 50 ns tAA SLC Low to SDA Data Out and ACK Out 1 ms tBUF (Note 8) Time the bus must be free before a new transmission can start 1.2 ms tHD:STA Start Condition Hold Time 0.6 ms tLOW Clock Low Period 1.2 ms tHIGH Clock High Period 0.6 ms tSU:STA Start Condition Setup Time (for a Repeated Start Condition) 0.6 ms tHD:DAT Data in Hold Time 0 ns tR (Note 8) SDA and SCL Rise Time 0.3 ms tF (Note 8) SDA and SCL Fall Time 300 ns tSU:STO Stop Conditions Setup Time 0.6 ms tDH Data Out Hold Time 100 ns 8. This parameter is tested initially and after a design or process change that affects the parameter. |
Número de pieza similar - CAT5132 |
|
Descripción similar - CAT5132 |