Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5115ZD7I-50-T3 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza CAT5115ZD7I-50-T3
Descripción Electrónicos  32-Tap Digitally Programmable Potentiometer (DPP??
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5115ZD7I-50-T3 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5115ZD7I-50-T3 Datasheet HTML 1Page - ON Semiconductor CAT5115ZD7I-50-T3 Datasheet HTML 2Page - ON Semiconductor CAT5115ZD7I-50-T3 Datasheet HTML 3Page - ON Semiconductor CAT5115ZD7I-50-T3 Datasheet HTML 4Page - ON Semiconductor CAT5115ZD7I-50-T3 Datasheet HTML 5Page - ON Semiconductor CAT5115ZD7I-50-T3 Datasheet HTML 6Page - ON Semiconductor CAT5115ZD7I-50-T3 Datasheet HTML 7Page - ON Semiconductor CAT5115ZD7I-50-T3 Datasheet HTML 8Page - ON Semiconductor CAT5115ZD7I-50-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT5115
© 2009 SCILLC. All rights reserved.
5
Doc. No. MD-2117 Rev. J
Characteristics subject to change without notice
AC CONDITIONS OF TEST
VCC Range
2.5V ≤ VCC ≤ 6.0V
Input Pulse Levels
0.2VCC to 0.7VCC
Input Rise and Fall Times
10ns
Input Reference Levels
0.5VCC
AC OPERATING CHARACTERISTICS
VCC = +2.5V to +6.0V, VH = VCC, VL = 0V, unless otherwise specified
Symbol
Parameter
Min
Typ
(1)
Max
Units
tCI
CS
¯¯ to INC
¯¯¯ Setup
100
ns
tDI
U/D
¯ to INC
¯¯¯ Setup
50
ns
tID
U/D
¯ to INC
¯¯¯ Hold
100
ns
tIL
INC
¯¯¯ LOW Period
250
ns
tIH
INC
¯¯¯ HIGH Period
250
ns
tIC
INC
¯¯¯ Inactive to CS
¯¯ Inactive
1
µs
tCPH
CS
¯¯ Deselect Time
100
ns
tIW
INC
¯¯¯ to VOUT Change
1
5
µs
tCYC
INC
¯¯¯ Cycle Time
1
µs
tR, tF
(2)
INC
¯¯¯ Input Rise and Fall Time
500
µs
tPU
(2)
Power-up to Wiper Stable
1
ms
A.C. TIMING
Notes:
(1) Typical values are for TA = 25ºC and nominal supply voltage.
(2) This parameter is periodically sampled and not 100% tested.
(3) MI in the A.C. Timing diagram refers to the minimum incremental change in the W output due to a change in the wiper position.
CS
INC
U/D
RW
tCI
tIL
MI(3)
90%
90%
10%
(store)
tCYC
tIH
tIC
tCPH
tF
tR
tDI
tID
tIW


Número de pieza similar - CAT5115ZD7I-50-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5115ZD7I-50 CATALYST-CAT5115ZD7I-50 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5115ZD7I-50 ONSEMI-CAT5115ZD7I-50 Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
More results

Descripción similar - CAT5115ZD7I-50-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_07 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127_0708 CATALYST-CAT5127_0708 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_07 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com