Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5127ZD7I10GT3 Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza CAT5127ZD7I10GT3
Descripción Electrónicos  32-Tap Digitally Programmable Potentiometer (DPP??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5127ZD7I10GT3 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT5127ZD7I10GT3 Datasheet HTML 5Page - ON Semiconductor CAT5127ZD7I10GT3 Datasheet HTML 6Page - ON Semiconductor CAT5127ZD7I10GT3 Datasheet HTML 7Page - ON Semiconductor CAT5127ZD7I10GT3 Datasheet HTML 8Page - ON Semiconductor CAT5127ZD7I10GT3 Datasheet HTML 9Page - ON Semiconductor CAT5127ZD7I10GT3 Datasheet HTML 10Page - ON Semiconductor CAT5127ZD7I10GT3 Datasheet HTML 11Page - ON Semiconductor CAT5127ZD7I10GT3 Datasheet HTML 12Page - ON Semiconductor CAT5127ZD7I10GT3 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CAT5127, CAT5129
Doc. No. MD-2127 Rev. E
10
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
TDFN 8-Lead 2.5 x 2.0 mm
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC specification MO-229.
A1
A3
PIN#1
IDENTIFICATION
SYMBOL
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
0.20 REF
b
0.20
0.25
0.30
D
1.90
2.00
2.10
D2
1.40
1.50
1.60
E
2.40
2.50
2.60
E2
1.20
1.30
1.40
e0.50 TYP
L
0.20
0.30
0.40


Número de pieza similar - CAT5127ZD7I10GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5127ZD7I-00-GT3 CATALYST-CAT5127ZD7I-00-GT3 Datasheet
494Kb / 12P
   32-Tap Digitally Programmable Potentiometer (DPP TM)
CAT5127ZD7I-00-GT3 CATALYST-CAT5127ZD7I-00-GT3 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127ZD7I-00-GT3 CATALYST-CAT5127ZD7I-00-GT3 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5127ZD7I-00-GT3 ONSEMI-CAT5127ZD7I-00-GT3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5127ZD7I-00-T3 CATALYST-CAT5127ZD7I-00-T3 Datasheet
494Kb / 12P
   32-Tap Digitally Programmable Potentiometer (DPP TM)
More results

Descripción similar - CAT5127ZD7I10GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_07 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127_0708 CATALYST-CAT5127_0708 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_07 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5115 ONSEMI-CAT5115 Datasheet
286Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2117 Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com