Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5221WI-50-T1 Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza CAT5221WI-50-T1
Descripción Electrónicos  Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5221WI-50-T1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT5221WI-50-T1 Datasheet HTML 6Page - ON Semiconductor CAT5221WI-50-T1 Datasheet HTML 7Page - ON Semiconductor CAT5221WI-50-T1 Datasheet HTML 8Page - ON Semiconductor CAT5221WI-50-T1 Datasheet HTML 9Page - ON Semiconductor CAT5221WI-50-T1 Datasheet HTML 10Page - ON Semiconductor CAT5221WI-50-T1 Datasheet HTML 11Page - ON Semiconductor CAT5221WI-50-T1 Datasheet HTML 12Page - ON Semiconductor CAT5221WI-50-T1 Datasheet HTML 13Page - ON Semiconductor CAT5221WI-50-T1 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CAT5221
Doc. No. MD-2113 Rev. M
10
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
exchange data between the WCR and one of the Data
Registers. The WCR controls the position of the wiper.
The response of the wiper to this action will be
delayed by tWRL. A transfer from the WCR (current
wiper position), to a Data Register is a write to non-
volatile memory and takes a maximum of tWR to
complete. The transfer can occur between one of the
four potentiometers and one of its associated
registers; or the transfer can occur between all
potentiometers and one associated register.
Four instructions require a two-byte sequence to
complete, as illustrated in Figure 7. These instructions
transfer data between the host/processor and the
CAT5221; either between the host and one of the data
registers or directly between the host and the Wiper
Control Register. These instructions are:
— XFR Data Register to Wiper Control Register
This transfers the contents of one specified Data
Register to the associated Wiper Control Register.
— XFR Wiper Control Register to Data Register
This transfers the contents of the specified Wiper
Control Register to the specified associated Data
Register.
— Global XFR Data Register to Wiper Control
Register
This transfers the contents of all specified Data
Registers to the associated Wiper Control
Registers.
— Global XFR Wiper Counter Register to Data
Register
This transfers the contents of all Wiper Control
Registers to the specified associated Data
Registers.
INCREMENT/DECREMENT COMMAND
The final command is Increment/Decrement (Figure 5
and 9). The Increment/Decrement command is
different from the other commands. Once the
command is issued and the CAT5221 has responded
with an acknowledge, the master can clock the
selected wiper up and/or down in one segment steps;
thereby providing a fine tuning capability to the host.
For each SCL clock pulse (tHIGH) while SDA is HIGH,
the selected wiper will move one resistor segment
towards the RH terminal. Similarly, for each SCL clock
pulse while SDA is LOW, the selected wiper will move
one resistor segment towards the RL terminal.
See Instructions format for more detail.
Figure 7. Two-Byte Instruction Sequence
Figure 8. Three-Byte Instruction Sequence
Figure 9. Increment/Decrement Instruction Sequence
S
T
A
R
T
01
0
1
A2
A0
A
C
K
I2
I1
I0
R1 R0
A
C
K
SDA
S
T
O
P
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Register
Address
0 P0
Pot/WCR
Address
A1
A3
I3
I3
I2
I1 I0
R1 R0
ID3 ID2 ID1ID0
Device ID
Internal
Instruction
Opcode
Address
Data
Register
Address
WCR[7:0]
or
Data Register D[7:0]
S
T
A
R
T
01
0
1
A2 A1 A0 A
C
K
Pot/WCR
Address
0 P0
A
C
K
SDA
S
T
O
P
A
C
K
D7 D6 D5 D4 D3 D2 D1 D0
A3
I3
I2
I1
I0
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Data
Register
Address
S
T
A
R
T
01
01
A2 A1 A0
A
C
K
R0
Pot/WCR
Address
0P0
A
C
K
SDA
S
T
O
P
I
N
C
1
I
N
C
2
I
N
C
n
D
E
C
1
D
E
C
n
R1
A3


Número de pieza similar - CAT5221WI-50-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5221WI-50-T1 ONSEMI-CAT5221WI-50-T1 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
More results

Descripción similar - CAT5221WI-50-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
logo
ON Semiconductor
CAT5221WI-25 ONSEMI-CAT5221WI-25 Datasheet
169Kb / 16P
   Dual Digitally Programmable Potentiometer with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. L
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241 ONSEMI-CAT5241 Datasheet
250Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132_08 Datasheet
205Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
logo
ON Semiconductor
CAT5132 ONSEMI-CAT5132 Datasheet
163Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface
July, 2010 ??Rev. 5
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523_07 Datasheet
236Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT523 ONSEMI-CAT523 Datasheet
201Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2005 Rev. I
logo
Catalyst Semiconductor
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com