Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5241YI-10-T2 Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza CAT5241YI-10-T2
Descripción Electrónicos  Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5241YI-10-T2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT5241YI-10-T2 Datasheet HTML 4Page - ON Semiconductor CAT5241YI-10-T2 Datasheet HTML 5Page - ON Semiconductor CAT5241YI-10-T2 Datasheet HTML 6Page - ON Semiconductor CAT5241YI-10-T2 Datasheet HTML 7Page - ON Semiconductor CAT5241YI-10-T2 Datasheet HTML 8Page - ON Semiconductor CAT5241YI-10-T2 Datasheet HTML 9Page - ON Semiconductor CAT5241YI-10-T2 Datasheet HTML 10Page - ON Semiconductor CAT5241YI-10-T2 Datasheet HTML 11Page - ON Semiconductor CAT5241YI-10-T2 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CAT5241
Doc. No. MD-2011 Rev. R
8
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
INSTRUCTIONS AND REGISTER
DESCRIPTION
SLAVE ADDRESS BYTE
The first byte sent to the CAT5241 from the
master/processor is called the Slave/DPP Address
Byte. The most significant four bits of the slave
address are a device type identifier. These bits for the
CAT5241 are fixed at 0101[B] (refer to Table 1).
The next four bits, A3 - A0, are the internal slave
address and must match the physical device address
which is defined by the state of the A3 - A0 input pins
for the CAT5241 to successfully continue the com-
mand sequence. Only the device which slave address
matches the incoming device address sent by the
master executes the instruction. The A3 - A0 inputs
can be actively driven by CMOS input signals or tied
to VCC or VSS.
INSTRUCTION BYTE
The next byte sent to the CAT5241 contains the
instruction and register pointer information. The four
most significant bits used provide the instruction
opcode I [3:0]. The P1 and P0 bits point to one of four
Wiper Control Registers. The least two significant bits,
R1 and R0, point to one of the four data registers of
each associated potentiometer. The format is shown
in Table 2.
Data Register Selection
Data Register Selected
R1
R0
DR0
0
0
DR1
0
1
DR2
1
0
DR3
1
1
Table 1. Identification Byte Format
Table 2. Instruction Byte Format
ID3
ID2
ID1
ID0
A3
A2
A1
A0
010
1
(MSB)
(LSB)
Device Type
Identifier
Slave Address
I3
I2
I1
I0
R1
R0
P1
P0
(MSB)
(LSB)
Instruction
Data Register
WCR/Pot Selection
Opcode
Selection


Número de pieza similar - CAT5241YI-10-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5241YI-10-T2 ONSEMI-CAT5241YI-10-T2 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
More results

Descripción similar - CAT5241YI-10-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5409 ONSEMI-CAT5409 Datasheet
252Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241WI-25 ONSEMI-CAT5241WI-25 Datasheet
218Kb / 16P
   Quad Digitally Programmable Potentiometer with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. Q
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
logo
ON Semiconductor
CAT5409WI-25 ONSEMI-CAT5409WI-25 Datasheet
234Kb / 16P
   Quad Digitally Programmable Potentiometers with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. L
CAT5221 ONSEMI-CAT5221 Datasheet
249Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. M
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com