Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT6095 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza CAT6095
Descripción Electrónicos  Digital Output Temperature Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6095 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT6095 Datasheet HTML 2Page - ON Semiconductor CAT6095 Datasheet HTML 3Page - ON Semiconductor CAT6095 Datasheet HTML 4Page - ON Semiconductor CAT6095 Datasheet HTML 5Page - ON Semiconductor CAT6095 Datasheet HTML 6Page - ON Semiconductor CAT6095 Datasheet HTML 7Page - ON Semiconductor CAT6095 Datasheet HTML 8Page - ON Semiconductor CAT6095 Datasheet HTML 9Page - ON Semiconductor CAT6095 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CAT6095
Doc. No. MD-1124 Rev. D
6
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
PIN DESCRIPTION
SCL: The Serial Clock input pin accepts the Serial
Clock generated by the Master (Host).
SDA: The Serial Data I/O pin receives input data
and transmits data stored in the internal registers. In
transmit mode, this pin is open drain. Data is
acquired on the positive edge, and is delivered on
the negative edge of SCL.
A0, A1 and A2: The Address pins set the device
address. These pins have on-chip pull-down
resistors.
EVENT
¯¯¯¯¯¯: The open-drain EVENT
¯¯¯¯¯¯ pin can be
programmed to signal over/under temperature limit
conditions.
POWER-ON RESET (POR)
The CAT6095 incorporates Power-On Reset (POR)
circuitry which monitors the supply voltage, and
then resets (initializes) the internal state machine
below (above) a POR trigger level of approximately
2.0 V, i.e. well below the minimum recommended
VCC value.
The TS powers-up into conversion mode. The
internal state machine will operate properly above
the POR trigger level, but valid temperature readings
can be expected only after the first conversion cycle
started and completed at nominal supply voltage.
DEVICE INTERFACE
The CAT6095 supports I
2C and SMBus data
transmission protocols. These protocols describe
serial communication between transmitters and
receivers sharing a 2-wire data bus. Data flow is
controlled by a Master device, which generates the
serial clock and the START and STOP conditions.
The CAT6095 acts as a Slave device. Master and
Slave alternate as transmitter and receiver. Up to 8
CAT6095 devices may be present on the bus
simultaneously, and can be individually addressed
by matching the logic state of the address inputs A0,
A1, and A2.
I2C/SMBUS PROTOCOL
The I
2C/SMBus uses two ‘wires’, one for clock (SCL)
and one for data (SDA). The two wires are
connected to the VCC supply via pull-up resistors.
Master and Slave devices connect to the bus via
their respective SCL and SDA pins. The transmitting
device pulls down the SDA line to ‘transmit’ a ‘0’ and
releases it to ‘transmit’ a ‘1’.
Data transfer may be initiated only when the bus is
not busy (see A.C. Characteristics).
During data transfer, the SDA line must remain
stable while the SCL line is HIGH. An SDA transition
while SCL is HIGH will be interpreted as a START or
STOP condition (Figure 1).
START
The START condition precedes all commands. It
consists of a HIGH to LOW transition on SDA while
SCL is HIGH. The START acts as a ‘wake-up’ call to
all Slaves. Absent a START, a Slave will not
respond to commands.
STOP
The STOP condition completes all commands. It
consists of a LOW to HIGH transition on SDA while
SCL is HIGH. The STOP tells the Slave that no more
data will be written to or read from the Slave.
DEVICE ADDRESSING
The Master initiates data transfer by creating a START
condition on the bus. The Master then broadcasts an
8-bit serial Slave address. The first 4 bits of the Slave
address (the preamble) select the Temperature Sensor
(TS preamble = 0011) as shown in Figure 2. The next
3 bits, A2, A1 and A0, select one of 8 possible TS
Slave devices. The last bit, R/W
¯¯, specifies whether a
Read (1) or Write (0) operation is being performed
ACKNOWLEDGE
A matching Slave address is acknowledged (ACK)
by the Slave by pulling down the SDA line during the
9
th clock cycle (Figure 3). After that, the Slave will
acknowledge all data bytes sent to the bus by the
Master. When t he Slave is the transmitter, the
Master will in turn acknowledge data bytes in the 9
th
clock cycle. The Slave will stop transmitting after the
Master does not respond with acknowledge
(NoACK) and then issues a STOP. Bus timing is
illustrated in Figure 4.


Número de pieza similar - CAT6095

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT6095 ONSEMI-CAT6095 Datasheet
156Kb / 15P
   Digital Output Temperature Sensor
May, 2011 ??Rev. 5
CAT6095VP2G4 ONSEMI-CAT6095VP2G4 Datasheet
156Kb / 15P
   Digital Output Temperature Sensor
May, 2011 ??Rev. 5
CAT6095VP2GT ONSEMI-CAT6095VP2GT Datasheet
156Kb / 15P
   Digital Output Temperature Sensor
May, 2011 ??Rev. 5
CAT6095 ONSEMI-CAT6095_11 Datasheet
156Kb / 15P
   Digital Output Temperature Sensor
May, 2011 ??Rev. 5
More results

Descripción similar - CAT6095

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT34TS02 ONSEMI-CAT34TS02_14 Datasheet
138Kb / 21P
   Digital Output Temperature Sensor
June, 2014 ??Rev. 12
CAT6095 ONSEMI-CAT6095_11 Datasheet
156Kb / 15P
   Digital Output Temperature Sensor
May, 2011 ??Rev. 5
N34TS04 ONSEMI-N34TS04 Datasheet
138Kb / 18P
   Digital Output Temperature Sensor
August, 2016 ??Rev. 0
logo
List of Unclassifed Man...
SMT160 ETC-SMT160 Datasheet
79Kb / 9P
   Temperature sensor with digital output
DHT22 ETC2-DHT22 Datasheet
380Kb / 10P
   Digital-output relative humidity & temperature sensor/module
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D Datasheet
586Kb / 20P
   Digital Relative Humidity sensor with Temperature output
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
   Digital Temperature Sensor
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
   Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
   Digital Temperature Sensor
TSD305-1C55 TEC-TSD305-1C55 Datasheet
354Kb / 12P
   DIGITAL TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com