Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT6217 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza CAT6217
Descripción Electrónicos  150 mA CMOS LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6217 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT6217 Datasheet HTML 1Page - ON Semiconductor CAT6217 Datasheet HTML 2Page - ON Semiconductor CAT6217 Datasheet HTML 3Page - ON Semiconductor CAT6217 Datasheet HTML 4Page - ON Semiconductor CAT6217 Datasheet HTML 5Page - ON Semiconductor CAT6217 Datasheet HTML 6Page - ON Semiconductor CAT6217 Datasheet HTML 7Page - ON Semiconductor CAT6217 Datasheet HTML 8Page - ON Semiconductor CAT6217 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CAT6217
http://onsemi.com
2
Figure 1. Typical Application Circuit
VIN
BYP
EN
VOUT
GND
OFF ON
1 μF
2.3 V
to 5.5 V
1 μF
10 nF
CAT6217
Figure 2. CAT6217 Functional Block Diagram
BYP
EN
GND
VIN
VOUT
Shutdown
Switch
LDO
Reference
CIN
VIN
VOUT
COUT
CBYP (Optional)
VIN
VOUT
Pin Function
VIN is the supply pin for the LDO. A small 1
mF ceramic
bypass capacitor is required between the VIN pin and ground
near the device. When using longer connections to the power
supply, CIN value can be increased without limit. The
operating input voltage range is from 2.3 V to 5.5 V.
EN is the enable control logic (active high) for the regulator
output. It has a 2.5 M
W pull−down resistor, which assures
that if EN pin is left open, the circuit is disabled.
VOUT is the LDO regulator output. A small 1
mF ceramic
bypass capacitor is required between the VOUT pin and
ground for stability. For better transient response, its value
can be increased to 4.7
mF.
The capacitor should be located near the device. ESR
domain is 5 m
W to 500 mW. VOUT can deliver a maximum
guaranteed current of 150 mA. A 250
W internal shutdown
switch discharges the output capacitor in the no−load
condition.
GND is the ground reference for the LDO. The pin must be
connected to the ground plane on the PCB.
BYP is the reference bypass pin. An optional 0.01
mF
capacitor can be connected between BYP pin and GND to
reduce the output noise and enhance the PSRR at high
frequency.
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN
0 to 6.5
V
VEN, VOUT
−0.3 to VIN + 0.3
V
Junction Temperature, TJ
+150
_C
Power Dissipation, PD
Internally Limited (Note 1)
mW
Storage Temperature Range, TS
−65 to +150
_C
Lead Temperature (soldering, 5 sec.)
260
_C
ESD Rating (Human Body Model)
3
kV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. RECOMMENDED OPERATING CONDITIONS (Note 2)
Parameter
Range
Unit
VIN
2.3 to 5.5
V
VEN
0 to VIN
V
Junction Temperature Range, TJ
−40 to +125
_C
Package Thermal Resistance (SOT23−5), θJA
235
_C/W
NOTE: Typical application circuit with external components is shown above.
1. The maximum allowable power dissipation at any TA (ambient temperature) is PDmax = (TJmax − TA)/qJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
2. The device is not guaranteed to work outside its operating rating.


Número de pieza similar - CAT6217

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
CAT6217 CATALYST-CAT6217 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
CAT6217-150TD-GT3 CATALYST-CAT6217-150TD-GT3 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
CAT6217-150TD-GT3 CATALYST-CAT6217-150TD-GT3 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
CAT6217-180TD-GT3 CATALYST-CAT6217-180TD-GT3 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
More results

Descripción similar - CAT6217

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170 ONSEMI-NCP170_17 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
logo
Vishay Siliconix
SI9183 VISHAY-SI9183_05 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com