Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT9534WI-GT2 Datasheet(PDF) 7 Page - ON Semiconductor |
|
CAT9534WI-GT2 Datasheet(HTML) 7 Page - ON Semiconductor |
7 / 16 page CAT9534 © 2010 SCILLC. All rights reserved 7 Doc. No. MD-9004 Rev. D Characteristics subject to change without notice INT ¯¯¯: Interrupt Output The open-drain interrupt output is activated when one of the port pins configured as an input changes state (differs from the corresponding input port register bit state). The interrupt is deactivated when the input returns to its previous state or the input port register is read. Changing an I/O from an output to an input may cause a false interrupt if the state of the pin does not match the contents of the input port register. Figure 4. Simplified Schematic of I/O0 to I/O7 Output Port Register Data VCC I/O0 to I/O7 VSS Input Port Register Data To INT Polarity Register Data Polarity Inversion Register Write Polarity Register Data from Shift Register Read Pulse Write Pulse Write Configuration Pulse Data from Shift Register Data from Shift Register Configuration Register D Q CK Q FF D Q CK Q FF D Q CK Q LATCH D Q CK Q FF Q1 Q2 Output Port Register Input Port Register |
Número de pieza similar - CAT9534WI-GT2 |
|
Descripción similar - CAT9534WI-GT2 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |