Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT130011JWI-GT3 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza CAT130011JWI-GT3
Descripción Electrónicos  Voltage Supervisor with Microwire Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT130011JWI-GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT130011JWI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT130011JWI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT130011JWI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT130011JWI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT130011JWI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT130011JWI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT130011JWI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT130011JWI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT130011JWI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT130xx
Doc. No. MD-1121 Rev. B
2
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Storage Temperature
-65 to +150
°C
Voltage on Any Pin with Respect to Ground
(2)
-0.5 to +6.5
V
RELIABILITY CHARACTERISTICS
(3)
Symbol
Parameter
Min
Units
NEND
(4)
Endurance
1,000,000
Program/ Erase Cycles
TDR
Data Retention
100
Years
D.C. OPERATING CHARACTERISTICS
VCC = +2.5V to +5.5V unless otherwise specified.
Limits
Symbol
Parameter
Min.
Typ.
Max.
Test Condition
Units
ICC
Supply Current
3
Read or Write at 1MHz
mA
12
25
VCC < 5.5V; All I/O Pins at VSS or VCC
ISB
Standby Current
10
20
VCC < 3.6V; All I/O Pins at VSS or VCC
μA
IL
I/O Pin Leakage
2
Pin at GND or VCC
μA
VIL
Input Low Voltage
-0.5
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
VOL
Output Low Voltage
0.4
VCC 2.5V, IOL = 2.1mA
V
VOH
Output High Voltage
2.4
VCC 4.5V, IOH = -0.4mA
V
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The DC input voltage on any pin should not be lower than -0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than -1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
(3) These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100
and JEDEC test methods.
(4) Block Mode, VCC = 5 V, 25°C
DO
EEPROM
ORG
CS
SK
DI
VCC
VOLTAGE
DETECTOR
RST or RST
VSS


Número de pieza similar - CAT130011JWI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT130011JWI-GT3 CATALYST-CAT130011JWI-GT3 Datasheet
298Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
More results

Descripción similar - CAT130011JWI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT13008 CATALYST-CAT13008 Datasheet
298Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT14002 ONSEMI-CAT14002 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
logo
Catalyst Semiconductor
CAT14004 CATALYST-CAT14004 Datasheet
797Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C56 ONSEMI-CAT93C56 Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com