Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TSH80 Datasheet(PDF) 3 Page - STMicroelectronics |
|
TSH80 Datasheet(HTML) 3 Page - STMicroelectronics |
3 / 27 page TSH80, TSH81, TSH82, TSH84 Absolute maximum ratings and operating conditions Doc ID 9413 Rev 5 3/27 1 Absolute maximum ratings and operating conditions Table 1. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage (1) 1. All voltage values, except differential voltage are with respect to network ground terminal. 14 V Vid Differential input voltage (2) 2. Differential voltages are the non-inverting input terminal with respect to the inverting terminal. ±2V Vi Input voltage (3) 3. The magnitude of input and output must never exceed VCC +0.3 V. ±6V Toper Operating free air temperature range -40 to +85 °C Tstg Storage temperature -65 to +150 °C Tj Maximum junction temperature 150 °C Rthjc Thermal resistance junction to case (4) SOT23-5 SO8 TSSOP8 TSSOP14 4. Short-circuits can cause excessive heating. 80 28 37 32 °C/W Rthja Thermal resistance junction to ambient area SOT23-5 SO8 TSSOP8 TSSOP14 250 157 130 110 °C/W ESD HBM: human body model(5) MM: machine model(6) CDM: charged device model(7) 5. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 k Ω resistor between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating. 6. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5 Ω). This is done for all couples of connected pin combinations while the other pins are floating. 7. Charged device model: all pins and package are charged together to the specified voltage and then discharged directly to the ground through only one pin. This is done for all pins. 2 0.2 1 kV Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 4.5 to 12 V VIC Common mode input voltage range VCC - to (V CC + -1.1) V Standby (pin 8) Threshold on pin 8 for TSH81 (VCC -) to (V CC +)V |
Número de pieza similar - TSH80_09 |
|
Descripción similar - TSH80_09 |