Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC912XDP512F0CFVR Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

No. de pieza MC912XDP512F0CFVR
Descripción Electrónicos  HCS12X Microcontrollers
Download  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC912XDP512F0CFVR Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MC912XDP512F0CFVR Datasheet HTML 57Page - Freescale Semiconductor, Inc MC912XDP512F0CFVR Datasheet HTML 58Page - Freescale Semiconductor, Inc MC912XDP512F0CFVR Datasheet HTML 59Page - Freescale Semiconductor, Inc MC912XDP512F0CFVR Datasheet HTML 60Page - Freescale Semiconductor, Inc MC912XDP512F0CFVR Datasheet HTML 61Page - Freescale Semiconductor, Inc MC912XDP512F0CFVR Datasheet HTML 62Page - Freescale Semiconductor, Inc MC912XDP512F0CFVR Datasheet HTML 63Page - Freescale Semiconductor, Inc MC912XDP512F0CFVR Datasheet HTML 64Page - Freescale Semiconductor, Inc MC912XDP512F0CFVR Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 1348 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
61
1.2.3.32
PH0 / KWH0 / MISO1 — Port H I/O Pin 0
PH0 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the
MCU to exit stop or wait mode. It can be configured as master input (during master mode) or slave output
(during slave mode) pin MISO of the serial peripheral interface 1 (SPI1).
1.2.3.33
PJ7 / KWJ7 / TXCAN4 / SCL0 / TXCAN0— PORT J I/O Pin 7
PJ7 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the MCU
to exit stop or wait mode. It can be configured as the transmit pin TXCAN for the scalable controller area
network controller 0 or 4 (CAN0 or CAN4) or as the serial clock pin SCL of the IIC0 module.
1.2.3.34
PJ6 / KWJ6 / RXCAN4 / SDA0 / RXCAN0 — PORT J I/O Pin 6
PJ6 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the MCU
to exit stop or wait mode. It can be configured as the receive pin RXCAN for the scalable controller area
network controller 0 or 4 (CAN0 or CAN4) or as the serial data pin SDA of the IIC0 module.
1.2.3.35
PJ5 / KWJ5 / SCL1 / CS2 — PORT J I/O Pin 5
PJ5 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the MCU
to exit stop or wait mode. It can be configured as the serial clock pin SCL of the IIC1 module. It can be
configured to provide a chip-select output.
1.2.3.36
PJ4 / KWJ4 / SDA1 / CS0 — PORT J I/O Pin 4
PJ4 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the MCU
to exit stop or wait mode. It can be configured as the serial data pin SDA of the IIC1 module. It can be
configured to provide a chip-select output.
1.2.3.37
PJ2 / KWJ2 / CS1 — PORT J I/O Pin 2
PJ2 is a general-purpose input or output pins. It can be configured to generate an interrupt causing the
MCU to exit stop or wait mode. It can be configured to provide a chip-select output.
1.2.3.38
PJ1 / KWJ1 / TXD2 — PORT J I/O Pin 1
PJ1 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the MCU
to exit stop or wait mode. It can be configured as the transmit pin TXD of the serial communication
interface 2 (SCI2).
1.2.3.39
PJ0 / KWJ0 / RXD2 / CS3 — PORT J I/O Pin 0
PJ0 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the MCU
to exit stop or wait mode. It can be configured as the receive pin RXD of the serial communication interface
2 (SCI2).It can be configured to provide a chip-select output.


Número de pieza similar - MC912XDP512F0CFVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC912XDP512F0CFVR FREESCALE-MC912XDP512F0CFVR Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
MC912XDP512F0CFVR FREESCALE-MC912XDP512F0CFVR Datasheet
7Mb / 1348P
   MC9S12XDP512 Data Sheet
MC912XDP512F0CFVR FREESCALE-MC912XDP512F0CFVR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
MC912XDP512F0CFVR FREESCALE-MC912XDP512F0CFVR Datasheet
4Mb / 1348P
   HCS12X Microcontrollers
More results

Descripción similar - MC912XDP512F0CFVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S12XEQ512MAL FREESCALE-MC9S12XEQ512MAL Datasheet
8Mb / 1324P
   HCS12X Microcontrollers
MC9S12XDT256CAL FREESCALE-MC9S12XDT256CAL Datasheet
4Mb / 1348P
   HCS12X Microcontrollers
MC9S12XEP100 FREESCALE-MC9S12XEP100_10 Datasheet
8Mb / 1324P
   HCS12X Microcontrollers
MC9S12XHZ512 FREESCALE-MC9S12XHZ512_10 Datasheet
5Mb / 978P
   HCS12X Microcontrollers
MC9S12XDP512VAG FREESCALE-MC9S12XDP512VAG Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com