Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FCA-210-FY1 Datasheet(PDF) 3 Page - Tyco Electronics |
|
FCA-210-FY1 Datasheet(HTML) 3 Page - Tyco Electronics |
3 / 4 page 10 .062 Dia. Pin (1.57 ) .050 ± .005 (1.27 ± (.127) Silicone Rubber Gasket .300 (7.62) .270 (6.86) +.05 - .02 Polar Pin -X2 +.002 - .001 .062 Dia. (1.57 ) BLUE BEAD ± .02 8 Plcs ±.001 Socket Pins - All DC Coils CODE "A" Below are shown the standard terminal types and the enclosures available. Specify the assembly as indicated under How To Order. Dimensions are shown in inches ± .010 and (Millimeters ± .25). TERMINALS ENCLOSURES .062 Dia. Pin (1.57 ) .300 (7.62) .270 (6.86) +.05 - .02 Polar Pin -X2 +.002 - .001 .062 Dia. (1.57 ) BLUE BEAD ± .02 8 Plcs ±.001 CODE "B" Circuit Board Pins - All DC Coils .300 ± .020 (7.62) ± .51 0.80 DIA (2.03) BLUE BEAD -X2 +X1 8 Plcs +.002 - .001 .062 Dia. Term. (1.57 ) +.05 - .02 CODE "C" Solder Hook Terminals HOOK TERMINALS TIN/LEAD PLATED Socket Pins 115 VAC .270 (6.86) -X2 .070 (1.78) .050 (1.27) +.006 - (.010) .115 (2.92) .062 (1.57) Dia. .330 (8.83) ±.030 ± (.76) BLUE BEAD +X1 .027 (.69) ±.003 ± (.08) Socket Pins 28 VAC Coils Same as Code "D" Except polarizing Pin turned 90˚ to this plane. POLARIZING PIN .270 (6.86) -X2 .070 (1.78) .050 (1.27) +.006 - (.010) .115 (2.92) .062 (1.57) Dia. BLUE BEAD .027 (.69) ±.003 ± (.08) Circuit Board Pins 115 VAC Coils All Enclosures have Cupro-Nickel Cans bright acid tin/lead plated after assembly to terminal headers. Dimensions: Inches ± .010 (mm ± .25) "A" AC Coils 1.125 in. (28.57) Max. DC Coils 1.010 in. (25.65) Max. "A" MAX. CODE "Z" .525 Max. (13.34) 1.025 Max. (26.04) CODE "Y" "A" MAX. .525 Max. (13.34) 1.718 Max. (43.64) 1.025 Max. (26.04) 1.396 (35.46) 1.446 (36.73) FULL R 4 PLCS .375 (9.52) .150 (3.8) .156 (3.96) .040 (1.02) CODE "X" "A" MAX. 1.025 Max. (26.04) 1.396 (35.46) 1.446 (36.73) FULL R 4 PLCS .550 (13.97) AC COILS .150 (3.8) .500 (12.70) DC COILS .375 (9.52) 1.718 Max. (43.64) .525 Max. (13.34) .040 (1.02) "A" MAX. 6-32 UNC-2A 2 Studs * .031 (.787) .375 (9.52) .525 Max. (13.34) .257 (6.52) CODE "W" 1.025 Max. (26.04) .625 (5.88) *Metric threads available,To specify use M in place of W CODE "F" CODE "E" CODE "D" Circuit Board Pins 28 VAC Coils CODE "F" Same as Code "D" Except polarizing Pin turned 90˚ to this plane. POLARIZING PIN CODE "H" 90˚ Solder Pins .312 (7.92) .400 (10.61) .200 (5.08) .062 Dia. +.002 - .001 BLUE BEAD .200 (5.08) .200 (5.08) .200 (5.08) .100 R TYP. All Pins Bright Acid Tin/lead .330 (8.83) ±.030 ± (.76) .062 Dia. Pin -.001 +002 +X1 .062 ± .001Dia. Pin (1.57 ± .02) +(.152) - (.254) +(.152) - (.254) SOCKET PINS ARE GOLD PLATED POLARIZING PINS ARE TIN/LEAD PLATED CIRCUIT BOARD PINS ARE TIN/LEAD PLATED DIMENSIONS EXCEPT AS NOTED: INCHES ± .010 (MILLIMETERS ± .25) .050 ± .005 (1.27 ± (13) Silicone Rubber Gasket FCA-210 10 AMPERES, DPDT SERIES Tyco Electronics Mid-Range Military/Aerospace Relays |
Número de pieza similar - FCA-210-FY1 |
|
Descripción similar - FCA-210-FY1 |