Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14LC5003FU Datasheet(PDF) 9 Page - Motorola, Inc

No. de pieza MC14LC5003FU
Descripción Electrónicos  72-Segment / 128-Segment LCD Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14LC5003FU Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC14LC5003FU Datasheet HTML 5Page - Motorola, Inc MC14LC5003FU Datasheet HTML 6Page - Motorola, Inc MC14LC5003FU Datasheet HTML 7Page - Motorola, Inc MC14LC5003FU Datasheet HTML 8Page - Motorola, Inc MC14LC5003FU Datasheet HTML 9Page - Motorola, Inc MC14LC5003FU Datasheet HTML 10Page - Motorola, Inc MC14LC5003FU Datasheet HTML 11Page - Motorola, Inc MC14LC5003FU Datasheet HTML 12Page - Motorola, Inc MC14LC5003FU Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
3–11
MC14LC5002 • MC14LC5003 • MC14LC5004
MOTOROLA
PIN DESCRIPTIONS
A0, A1,A2 for MC14LC5003/5004
A0/A1,A2 for MC14LC5002
Address Inputs
The address pins must be tied to VDD. This defines the
normal operation mode.
CAUTION
The configuration A0, A1, A2 = 111 must be used. The config-
uration A0, A1, A2 = 000 is reserved for Motorola’s use only.
All three address pins should never be tied to 0 V simultaneous-
ly.
ENB
Enable Input
If the ENB pin is tied to VDD, the MC14LC5002/5003/5004
will always latch the data after 128 bits have been received.
The latched data is multiplexed and fed to the frontplane driv-
ers for display. If external control of this latching function is
required, then the ENB pin should be held low, followed by
one high pulse on ENB when data display is required. (This
may be useful in a system where MC14LC5002/5003/5004 is
permanently addressed and only the last 128 bits of data sent
are required to be latched for display). The pulse on the ENB
pin must occur while DCLK is high.
DCLK, Din
Data Clock and Data Input
Address input and data input controls. See Data Input Pro-
tocol sections for relevant option.
OSC1, OSC2
Oscillator Pins
To use the on-board oscillator, an external resistor should
be connected between OSC1 and OSC2. Optionally, the
OSC1 pin may be driven by an externally generated clock
signal.
A resistor of 680 k
connected between OSC1 and OSC2
pins gives an oscillator frequency of about 30 kHz, giving ap-
proximately 30 Hz as seen at the LCD driver outputs. A resistor
of 200 k
gives about 100 kHz, which results in 100Hz at the
driver outputs. LCD manufacturers recommend an LCD drive
frequency of between 30 Hz and 100 Hz. See Figure 6.
Figure 6. Oscillator Frequency vs. Load Resistance
(Approximate)
FP1-FP32
Frontplane Drivers
Frontplane driver outputs.
BP1-BP4
Backplane Drivers
Backplane driver outputs.
VLCD
LCD Driver Supply
Power supply input for LCD drive outputs. May be used to
supply a temperature-compensated voltage to the LCD drive
section, which can be separate from the logic voltage supply,
VDD.
VDD
Positive Power Supply
This pin supplies power to the main processor interface and
logic portions of the device. The voltage range is 2.7 to 5.5 V
with respect to the VSS pin.
For optimum performance, VDD should be bypassed to
VSS using a low inductance capacitor mounted very closely
to these pins. Lead length on this capacitor should be mini-
mized.
VSS
Ground
Common ground.
1 k
10 k
100 k
1 M
10 M
10 M
1 M
100 k
10 k
OSCILLATOR FREQUENCY


Número de pieza similar - MC14LC5003FU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MC14LC5003FU NXP-MC14LC5003FU Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
More results

Descripción similar - MC14LC5003FU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC145003 MOTOROLA-MC145003 Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
logo
Rohm
BU9728AKV ROHM-BU9728AKV_08 Datasheet
593Kb / 24P
   For 128-140 Segment type LCD LCD Segment Driver
BU97950FUV ROHM-BU97950FUV Datasheet
1Mb / 25P
   Standard LCD Segment Drivers
BU9795AFV-LB ROHM-BU9795AFV-LB Datasheet
862Kb / 29P
   Standard LCD Segment Drivers
BU9795ZKS2 ROHM-BU9795ZKS2 Datasheet
1Mb / 30P
   Standard LCD Segment Drivers
BU9795AKS2 ROHM-BU9795AKS2 Datasheet
978Kb / 40P
   Standard LCD Segment Drivers
logo
Silicon Laboratories
CP2400 SILABS-CP2400 Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
CP2400-GQ SILABS-CP2400-GQ Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
logo
Rohm
BU9796FS ROHM-BU9796FS Datasheet
273Kb / 12P
   LCD Segment Driver series 80-segment Drivers (20SEG횞4COM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com