Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC912XDP512F0MAGR Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

No. de pieza MC912XDP512F0MAGR
Descripción Electrónicos  HCS12X Microcontrollers
Download  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC912XDP512F0MAGR Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MC912XDP512F0MAGR Datasheet HTML 73Page - Freescale Semiconductor, Inc MC912XDP512F0MAGR Datasheet HTML 74Page - Freescale Semiconductor, Inc MC912XDP512F0MAGR Datasheet HTML 75Page - Freescale Semiconductor, Inc MC912XDP512F0MAGR Datasheet HTML 76Page - Freescale Semiconductor, Inc MC912XDP512F0MAGR Datasheet HTML 77Page - Freescale Semiconductor, Inc MC912XDP512F0MAGR Datasheet HTML 78Page - Freescale Semiconductor, Inc MC912XDP512F0MAGR Datasheet HTML 79Page - Freescale Semiconductor, Inc MC912XDP512F0MAGR Datasheet HTML 80Page - Freescale Semiconductor, Inc MC912XDP512F0MAGR Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 1348 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
77
1.8
ATD0 External Trigger Input Connection
The ATD_10B8C module includes four external trigger inputs ETRIG0, ETRIG1, ETRIG, and ETRIG3.
The external trigger allows the user to synchronize ATD conversion to external trigger events. Table 1-15
shows the connection of the external trigger inputs on MC9S12XDP512RMV2.
See Section Chapter 5, “Analog-to-Digital Converter (S12ATD10B8CV2) for information about the
analog-to-digital converter module. When this section refers to freeze mode this is equivalent to active
BDM mode.
1.9
ATD1 External Trigger Input Connection
The ATD_10B16C module includes four external trigger inputs ETRIG0, ETRIG1, ETRIG, and ETRIG3.
The external trigger feature allows the user to synchronize ATD conversion to external trigger events.
Table 1-16 shows the connection of the external trigger inputs on MC9S12XDP512RMV2.
See Section Chapter 4, “Analog-to-Digital Converter (ATD10B16CV4) Block Description for information
about the analog-to-digital converter module. When this section refers to freeze mode this is equivalent to
active BDM mode.
Table 1-15. ATD0 External Trigger Sources
External Trigger
Input
Connected to . .
ETRIG0
Pulse width modulator channel 1
ETRIG1
Pulse width modulator channel 3
ETRIG2
Periodic interrupt timer hardware trigger0
PITTRIG[0].
ETRIG3
Periodic interrupt timer hardware trigger1
PITTRIG[1].
Table 1-16. ATD1 External Trigger Sources
External Trigger
Input
Connected to . .
ETRIG0
Pulse width modulator channel 1
ETRIG1
Pulse width modulator channel 3
ETRIG2
Periodic interrupt timer hardware trigger0
PITTRIG[0].
ETRIG3
Periodic interrupt timer hardware trigger1
PITTRIG[1].


Número de pieza similar - MC912XDP512F0MAGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC912XDP512F0MAGR FREESCALE-MC912XDP512F0MAGR Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
More results

Descripción similar - MC912XDP512F0MAGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S12XEQ512MAL FREESCALE-MC9S12XEQ512MAL Datasheet
8Mb / 1324P
   HCS12X Microcontrollers
MC9S12XDT256CAL FREESCALE-MC9S12XDT256CAL Datasheet
4Mb / 1348P
   HCS12X Microcontrollers
MC9S12XEP100 FREESCALE-MC9S12XEP100_10 Datasheet
8Mb / 1324P
   HCS12X Microcontrollers
MC9S12XHZ512 FREESCALE-MC9S12XHZ512_10 Datasheet
5Mb / 978P
   HCS12X Microcontrollers
MC9S12XDP512VAG FREESCALE-MC9S12XDP512VAG Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com