Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS51312GDR16 Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza CS51312GDR16
Descripción Electrónicos  Synchronous CPU Buck Controller for 12 V Only Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51312GDR16 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS51312GDR16 Datasheet HTML 3Page - ON Semiconductor CS51312GDR16 Datasheet HTML 4Page - ON Semiconductor CS51312GDR16 Datasheet HTML 5Page - ON Semiconductor CS51312GDR16 Datasheet HTML 6Page - ON Semiconductor CS51312GDR16 Datasheet HTML 7Page - ON Semiconductor CS51312GDR16 Datasheet HTML 8Page - ON Semiconductor CS51312GDR16 Datasheet HTML 9Page - ON Semiconductor CS51312GDR16 Datasheet HTML 10Page - ON Semiconductor CS51312GDR16 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
CS51312
http://onsemi.com
7
Figure 2. Block Diagram
+
+
+
+
Current Limit
+
+
+
+
+
VFB
VOUT
VID0
VID1
VID2
VID3
VID4
1.1 V
86 mV
EA
DAC
COMP
COFF
PWM COMP
Discharge
COMP
0.25 V
Fault
Latch
R
S
Q
Off
Time
UVLO
VCC1
GATE(H)
GATE(L)
Nonoverlap
Logic
VCC
OVP
PWRGD
GND
VCC2


Número de pieza similar - CS51312GDR16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cherry Semiconductor Co...
CS51312GDR16 CHERRY-CS51312GDR16 Datasheet
276Kb / 18P
   Synchronous CPU Buck Controller for 12V Only Applications
More results

Descripción similar - CS51312GDR16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cherry Semiconductor Co...
CS51312 CHERRY-CS51312 Datasheet
276Kb / 18P
   Synchronous CPU Buck Controller for 12V Only Applications
logo
ON Semiconductor
CS51311 ONSEMI-CS51311 Datasheet
539Kb / 21P
   Synchronous CPU Buck Controller for 12 V and 5.0 V Applications
July, 2006 ??Rev. 3
logo
Cherry Semiconductor Co...
CS51311 CHERRY-CS51311 Datasheet
239Kb / 19P
   Synchronous CPU Buck Controller for 12V and 5V Applications
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Cherry Semiconductor Co...
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
logo
ON Semiconductor
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
   5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
logo
Cherry Semiconductor Co...
CS5150 CHERRY-CS5150 Datasheet
236Kb / 14P
   CPU 4-Bit Synchronous Buck Controller
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com