Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FCA-210-BX5 Datasheet(PDF) 2 Page - Tyco Electronics |
|
FCA-210-BX5 Datasheet(HTML) 2 Page - Tyco Electronics |
2 / 4 page 9 COIL DATA * Max. contact opening under vibration or shock 10 microseconds NOMINAL VOLTAGES FREQ. Hz DC RES. AC AMPS (B) PICKUP OR BELOW VOLTS OVER TEMPERATURE RANGE 1 2 3 4 (A) 5 6 7 8 9 COIL CODE MUST HOLD VOLTAGE (C) DROPOUT OR ABOVE VOLTS 6 12 28 28 48 28 28 115 115 DC DC DC DC DC 400Hz 50/400Hz 400 Hz 50/400Hz 20 Ω 80 Ω 320 Ω 320 Ω 920 Ω 180 mA 100 mA 40 mA 30 mA 4.5 9.0 18.0 18.0 32.0 22.0 22.0 90.0 95.0 2.5 4.5 7.0 7.0 14.0 10.0 10.0 40.0 40.0 0.3 0.75 1.5 1.5 2.5 1.25 1.25 5.0 5.0 A. CODE 4 COILS HAVE BACK EMF SUPPRESSION TO 42 VOLTS MAX. B. DC COIL RESISTANCE ± 10% AT 25˚C; AC COIL MAX. CURRENT AT NOMINAL VOLTAGE. C. RELAY WILL STAY IN PICKED-UP STATE DOWN TO MUST HOLD VOLTAGES SHOWN. D. MAX. OVERVOLTAGE: 6 & 12 VDC COILS 120% OF NOMINAL; ALL OTHERS 110% OF NOMINAL. E. COILS AVAILABLE FOR OTHER VOLTAGES AND FOR AC 50/60HZ. NOTE: Only DC Coil Models are QPL Approved. -70˚C TO + 125˚C 300,000 FEET 200 g FOR 6 mS 100 g FOR 6 mS 30 g 33-3000Hz 20 g 33-3000Hz 0.4 g2/Hz 50-2000Hz 0.2 g2/Hz 50-2000Hz 1250 V rms 1000 V rms 350 V rms 100 M Ω MINIMUM 50 M Ω MINIMUM 10 ms OR LESS 15 ms OR LESS 10 ms OR LESS 50 ms OR LESS Z, Y, & X ENCLOSURES W & M ENCLOSURES (STUD MTG.) Z, Y, & X ENCLOSURES W & M ENCLOSURES (STUD MTG.) Z, Y, & X ENCLOSURES W & M ENCLOSURES (STUD MTG.) ALL CIRCUITS TO GROUND AND CIRCUIT TO CIRCUIT. COIL TO GROUND INITIAL (500 VDC) AFTER LIFE OR ENVIRONMENTAL TESTS DC RELAYS AC RELAYS DC RELAYS AC RELAYS GENERAL SPECIFICATIONS TEMPERATURE RATING: ALTITUDE: SHOCK:* VIBRATION, SINUSOIDAL:* VIBRATION, RANDOM: * DIELECTRIC STRENGTH AT SEA LEVEL: DIELECTRIC STRENGTH AT 80,000 FEET: INSULATION RESISTANCE: OPERATE TIME AT NOMINAL VOLTAGE: RELEASE TIME AT NOMINAL VOLTAGE: FCA-210 10 AMPERES, DPDT SERIES Tyco Electronics Mid-Range Military/Aerospace Relays |
Número de pieza similar - FCA-210-BX5 |
|
Descripción similar - FCA-210-BX5 |