Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

744231261 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 744231261
Descripción Electrónicos  SMD common mode noise suppressor WE-CNSW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744231261 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744231261 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744231261 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744231261 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
Gurtspezifikation / Tape specification:
A
1,42 ± 0,1
mm
B
4,00 ± 0,1
mm
C
1,50 ± 0,05
mm
D
2,00 ± 0,1
mm
E
1,75 ± 0,1
mm
F
3,50 ± 0,1
mm
G
1,30 ± 0,1
mm
H
2,26 ± 0,1
mm
T
0,23 ± 0,05
mm
W
8,00 ± 0,1
mm
Rollenspezifikation / Reel Specification:
a
178,0 ± 0,1
mm
b
21,00 ± 0,1
mm
c
50,00 ± 0,1
mm
d
10,00 ± 0,1
mm
The force of tearing off cover tape
is 0,2 to 0,7 N in arrow direction.
MST
Version 3
04-10-11
SST
Version 2
04-02-17
MST
Version 1
03-11-24
Name
Änderung / modification
Datum / date
D-74638 Waldenburg · Max-Eyth-Strasse 1 -3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Geprüft / checked
Kontrolliert / approved
Würth Elektronik
Datum / date
Unterschrift / signature
Würth Elektronik eiSos GmbH & Co. KG
DATUM / DATE : 2004-10-11
Freigabe erteilt / general release:
Kunde / customer
............................................................................
...............................................................................
I Rollenspezifikation / tape and reel specifications:
SMD common mode noise suppressor WE-CNSW
............................................................................
...............................................................................
SMD Stromkomp. Datenleitungsfilter WE-CNSW
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
744231261
150°
feeding direction
A
B
ØC
D
E
F
W
H
G
T
Ø b
a
c
d
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such
as aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network
etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general electronic
equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed before use. It
is essential to give consideration when to install a protective circuit at the design stage.
RoHS
compliant
LF
SEITE 3 VON 3


Número de pieza similar - 744231261

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744231061 WURTH-744231061 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231091 WURTH-744231091 Datasheet
201Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231121 WURTH-744231121 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231181 WURTH-744231181 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231371 WURTH-744231371 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
More results

Descripción similar - 744231261

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744232261 WURTH-744232261 Datasheet
134Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744232102 WURTH-744232102 Datasheet
134Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231061 WURTH-744231061 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231091 WURTH-744231091 Datasheet
201Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231181 WURTH-744231181 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744232601 WURTH-744232601 Datasheet
134Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231371 WURTH-744231371 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744232090 WURTH-744232090 Datasheet
134Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744232222 WURTH-744232222 Datasheet
134Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231121 WURTH-744231121 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com