Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

744272472 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 744272472
Descripción Electrónicos  COMMON MODE SMD LINE FILTER WE-SL5
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744272472 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744272472 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744272472 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744272472 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Kunde / customer :
Artikelnummer / part number :
Bezeichnung :
description :
Gurtspezifikation / Tape specification:
A
12
mm
B
4
mm
C
24
mm
D
mm
E
mm
F
mm
G
mm
H
mm
I
mm
J
mm
T
mm
a
330 ± 2,0
mm
b
21 ± 0,8
mm
c
13 ± 0,5
mm
d
50 ±1,0
mm
e
30,4
mm
f
26
mm
..................................................................................
SSt
Version 4
08-01-14
MST
Version 3
06-05-09
MST
Version 2
04-10-11
..................................................................................
ME
Version 1
04-04-26
Name
Änderung / modification
Datum / date
Spezifikation für Freigabe / specification for release
744272472
STROMKOMP. SMD LINE FILTER WE-SL5
COMMON MODE SMD LINE FILTER WE-SL5
I Rollenspezifikation / tape and reel specification:
DATUM/DATE: 2008-01-14
Rollenspezifikation / Reel specification:
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
Datum / date
Unterschrift / signature
Würth Elektronik
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
..............................................................
Geprüft / checked
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
Ø c
a
b
d
A
B
e
f
121
WE
121
WE
121
WE
121
WE
C
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is
especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control,
train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition,
sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 3 VON 3


Número de pieza similar - 744272472

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744272471 WURTH-744272471 Datasheet
131Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
More results

Descripción similar - 744272472

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744272221 WURTH-744272221 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272121 WURTH-744272121 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272102 WURTH-744272102 Datasheet
131Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272222 WURTH-744272222 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272332 WURTH-744272332 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272392 WURTH-744272392 Datasheet
131Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272251 WURTH-744272251 Datasheet
131Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272471 WURTH-744272471 Datasheet
131Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744273102 WURTH-744273102 Datasheet
1Mb / 6P
   WE-SL5 HC SMD Common Mode Line Filter
744273222 WURTH-744273222 Datasheet
1Mb / 6P
   WE-SL5 HC SMD Common Mode Line Filter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com