Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74LCX14MG Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC74LCX14MG
Descripción Electrónicos  Low Voltage CMOS Hex Schmitt Inverter With 5 V-Tolerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX14MG Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LCX14MG Datasheet HTML 1Page - ON Semiconductor MC74LCX14MG Datasheet HTML 2Page - ON Semiconductor MC74LCX14MG Datasheet HTML 3Page - ON Semiconductor MC74LCX14MG Datasheet HTML 4Page - ON Semiconductor MC74LCX14MG Datasheet HTML 5Page - ON Semiconductor MC74LCX14MG Datasheet HTML 6Page - ON Semiconductor MC74LCX14MG Datasheet HTML 7Page - ON Semiconductor MC74LCX14MG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
May, 2005 − Rev. 5
1
Publication Order Number:
MC74LCX14/D
MC74LCX14
Low Voltage CMOS
Hex Schmitt Inverter With
5 V−Tolerant Inputs
The MC74LCX14 is a high performance hex inverter with
Schmitt−Trigger inputs operating from a 2.3 to 3.6 V supply. High
impedance TTL compatible inputs significantly reduce current
loading to input drivers, while TTL compatible outputs offer improved
switching noise performance. A VI specification of 5.5 V allows
MC74LCX14 inputs to be safely driven from 5.0 V devices.
Pin configuration and function are the same as the MC74LCX04,
but the inputs have hysteresis and, with its Schmitt trigger function,
the LCX14 can be used as a line receiver which will receive slow input
signals.
Features
Designed for 2.3 V to 3.6 V V
CC Operation
5.0 V Tolerant Inputs − Interface Capability with 5.0 V TTL Logic
LVTTL Compatible
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current (10 mA) Substantially Reduces
System Power Requirements
Latchup Performance Exceeds 500 mA
Current Drive Capability is 24 mA at Source/Sink
Pin and Function Compatible with Other Standard Logic Families
ESD Performance:
Human Body Model >2000 V
Machine Model >100 V
Chip Complexity: 41 Equivalent Gates
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING
DIAGRAMS
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOEIAJ−14
M SUFFIX
CASE 965
SOIC−14
D SUFFIX
CASE 751A
14
1
14
1
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
G
= Pb−Free Package
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
14
74LCX14
ALYWG
LCX14G
AWLYWW
1
14
LCX
14
ALYW
G
G
1
14


Número de pieza similar - MC74LCX14MG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LCX14 ONSEMI-MC74LCX14 Datasheet
168Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter
October, 2012 ??Rev. 8
MC74LCX14DG ONSEMI-MC74LCX14DG Datasheet
168Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter
October, 2012 ??Rev. 8
MC74LCX14DR2G ONSEMI-MC74LCX14DR2G Datasheet
168Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter
October, 2012 ??Rev. 8
MC74LCX14DTG ONSEMI-MC74LCX14DTG Datasheet
168Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter
October, 2012 ??Rev. 8
MC74LCX14DTR2G ONSEMI-MC74LCX14DTR2G Datasheet
168Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter
October, 2012 ??Rev. 8
More results

Descripción similar - MC74LCX14MG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
   Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
74LCX14 STMICROELECTRONICS-74LCX14 Datasheet
113Kb / 8P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX14F TOSHIBA-TC74LCX14F_12 Datasheet
218Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_07 Datasheet
272Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
MC74LVX04-D ONSEMI-MC74LVX04-D Datasheet
129Kb / 7P
   Hex Inverter With 5 V-Tolerant Inputs
May, 2011 ??Rev. 6
logo
Fairchild Semiconductor
74LCX14MX FAIRCHILD-74LCX14MX Datasheet
777Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
Toshiba Semiconductor
TC74VCX14FT TOSHIBA-TC74VCX14FT_07 Datasheet
250Kb / 11P
   Low-Voltage Hex Schmitt Inverter with 3.6-V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX14 FAIRCHILD-74LCX14_08 Datasheet
766Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com