Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100EP196BFAR2 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC100EP196BFAR2
Descripción Electrónicos  3.3 V ECL Programmable Delay Chip With FTUNE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP196BFAR2 Datasheet(HTML) 4 Page - ON Semiconductor

  MC100EP196BFAR2 Datasheet HTML 1Page - ON Semiconductor MC100EP196BFAR2 Datasheet HTML 2Page - ON Semiconductor MC100EP196BFAR2 Datasheet HTML 3Page - ON Semiconductor MC100EP196BFAR2 Datasheet HTML 4Page - ON Semiconductor MC100EP196BFAR2 Datasheet HTML 5Page - ON Semiconductor MC100EP196BFAR2 Datasheet HTML 6Page - ON Semiconductor MC100EP196BFAR2 Datasheet HTML 7Page - ON Semiconductor MC100EP196BFAR2 Datasheet HTML 8Page - ON Semiconductor MC100EP196BFAR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MC100EP196B
http://onsemi.com
4
Table 2. CONTROL PIN
Pin
State
Function
EN
LOW (Note 3)
Input Signal is Propagated to the Output
HIGH
Output Holds Logic Low State
LEN
LOW (Note 3)
Transparent or LOAD mode for real time delay values present on D[0:10].
HIGH
LOCK and HOLD mode for delay values on D[0:10]; further changes on D[0:10]
are not recognized and do not affect delay.
SETMIN
LOW (Note 3)
Output Delay set by D[0:10]
HIGH
Set Minimum Output Delay
SETMAX
LOW (Note 3)
Output Delay set by D[0:10]
HIGH
Set Maximum Output Delay
D10
LOW (Note 3)
CASCADE Output LOW, CASCADE Output HIGH
HIGH
CASCADE Output LOW, CASCADE Output HIGH
3. Internal pulldown resistor will provide a logic LOW if pin is left unconnected.
Table 3. CONTROL D[0:10] INTERFACE
VCF
VEF Pin (Note 4)
ECL Mode
VCF
No Connect
LVCMOS Mode
VCF
1.5 V $ 100 mV
LVTTL Mode (Note 5)
4. Short VCF (pin 8) and VEF (pin 7).
5. When Operating in LVTTL Mode, the reference voltage can be provided by connecting an external resistor, RCF (suggested resistor value
is 2.2 kW $5%), between VCF and VEE pins.
Table 4. DATA INPUT ALLOWED OPERATING VOLTAGE MODE TABLE
POWER SUPPLY
CONTROL DATA SELECT INPUTS PINS (D [0:10])
LVCMOS
LVTTL
LVPECL
LVNECL
PECL Mode Operating Range
YES
YES
YES
N/A
NECL Mode Operating Range
N/A
N/A
N/A
YES
Table 5. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
(R1)
75 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 100 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 6)
Pb−Free Pkg
QFN−32
LQFP−32
Level 1
Level 2
Flammability Rating Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
1237 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
6. For additional information, see Application Note AND8003/D.


Número de pieza similar - MC100EP196BFAR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EP196BFAR2G ONSEMI-MC100EP196BFAR2G Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
More results

Descripción similar - MC100EP196BFAR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196 ONSEMI-MC100EP196_14 Datasheet
151Kb / 19P
   3.3V ECL Programmable Delay Chip with FTUNE
June, 2014 ??Rev. 16
MC100EP196A ONSEMI-MC100EP196A Datasheet
158Kb / 18P
   3.3 V ECL Programmable Delay Chip
September, 2006 ??Rev. 0
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com