Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2480PWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2480PWR
Descripción Electrónicos  Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2480PWR Datasheet(HTML) 5 Page - Texas Instruments

  TPS2480PWR Datasheet HTML 1Page - Texas Instruments TPS2480PWR Datasheet HTML 2Page - Texas Instruments TPS2480PWR Datasheet HTML 3Page - Texas Instruments TPS2480PWR Datasheet HTML 4Page - Texas Instruments TPS2480PWR Datasheet HTML 5Page - Texas Instruments TPS2480PWR Datasheet HTML 6Page - Texas Instruments TPS2480PWR Datasheet HTML 7Page - Texas Instruments TPS2480PWR Datasheet HTML 8Page - Texas Instruments TPS2480PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
TPS2480
TPS2481
www.ti.com
SLUS939A – APRIL 2010 – REVISED JUNE 2010
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Good Output (PG)
IPG = 2 mA
0.1
0.25
VPG_L
Low voltage (sinking)
IPG = 4 mA
0.25
0.5
PG threshold voltage; VOUT
VPGTL
VSENSE = VVCC; measure V(VCC-OUT)
0.8
1.25
1.7
rising; PG goes open drain
V
PG threshold voltage; VOUT
VPGTH
VSENSE = VVCC; measure V(VCC-OUT)
2.2
2.7
3.2
falling; PG goes low
PG threshold hysteresis
VHYST_PG
VSENSE = VVCC
1.4
voltage; V(SENSE-OUT)
PG deglitch delay; detection
tDPG
to output; rising and falling
VSENSE = VVCC
5
9
15
ms
edges
Leakage current; PG false;
open drain
10
mA
Output Voltage Feedback Input (OUT)
VOUT = VVCC, VEN = Hi; sinking
8
20
IOUT
Bias current
mA
VOUT = GND; VEN = Lo; sourcing
18
40
Enable Input (EN)
VEN_H
Threshold VEN going high
1.32
1.35
1.38
V
VEN_L
Threshold VEN going low
1.20
1.25
1.30
VEN hysteresis
100
mV
Leakage current
VEN = 30 V
1
mA
Input Supply UVLO (VCC)
VVCC turn on
Rising
8.4
8.8
V
VVCC turn off
Falling
7.2
8.3
Hysteresis
75
mV
Digital Inputs (SDA in input mode, SCL, A0, A1 )
CIN
Input capacitance
3
pF
ILEAKAGE
Input leakage current
0 < VIN < VS
0.1
1
mA
VIN HI
Logic Hi input level
0.7(VS)
6
VINLO
Logic low input level
-0.3
0.3(VS)
V
VHYS
Hysteresis
0.5
Open Drain Digital Output (SDA)
VLO
SDA Low Output
Sinking 5 mA
0.15
0.4
V
ILEAKAGE
High level leakage current
VOUT = VS
0.1
1.0
mA
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS2480 TPS2481


Número de pieza similar - TPS2480PWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2480PW TI-TPS2480PW Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
More results

Descripción similar - TPS2480PWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2492 TI-TPS2492_10 Datasheet
1Mb / 33P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hotswap Controller With Analog Current Monitor Output
logo
Linear Technology
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
   High Voltage I2C Current and Voltage Monitor
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_08 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
logo
Linear Technology
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
   LTC2990 I2C Temperature Voltage and Current Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
   Octal I2C Voltage, Current, and Temperature Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com