Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54319RTE Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPS54319RTE
Descripción Electrónicos  2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54319RTE Datasheet(HTML) 4 Page - Texas Instruments

  TPS54319RTE Datasheet HTML 1Page - Texas Instruments TPS54319RTE Datasheet HTML 2Page - Texas Instruments TPS54319RTE Datasheet HTML 3Page - Texas Instruments TPS54319RTE Datasheet HTML 4Page - Texas Instruments TPS54319RTE Datasheet HTML 5Page - Texas Instruments TPS54319RTE Datasheet HTML 6Page - Texas Instruments TPS54319RTE Datasheet HTML 7Page - Texas Instruments TPS54319RTE Datasheet HTML 8Page - Texas Instruments TPS54319RTE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TPS54319
SLVSA83 – JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 150°C, VIN = 2.95 to 6 V (unless otherwise noted)
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
Switching frequency range using RT mode
300
2000
kHz
Switching frequency
Rt = 400 k
400
500
600
kHz
Switching frequency range using CLK mode
300
2000
kHz
Minimum CLK pulse width
75
ns
RT/CLK voltage
R(RT/CLK)= 400k
0.5
V
RT/CLK high threshold
1.6
2.2
V
RT/CLK low threshold
0.4
0.6
V
RT/CLK falling edge to PH rising edge delay
Measure at 500 kHz with RT resistor in series
90
ns
PLL lock in time
Measure at 500 kHz
14
ms
PH (PH PIN)
Minimum On time
Measured at 50% points on PH, IOUT = 3 A
65
ns
Measured at 50% points on PH, VIN = 5 V,
120
IOUT = 0 A
Minimum Off time
Prior to skipping off pulses, BOOT-PH = 2.95 V,
60
ns
IOUT = 3 A
Rise Time
2.5
VIN = 5 V, 3 A
V/ns
Fall Time
2
BOOT (BOOT PIN)
BOOT Charge Resistance
VIN = 5 V
16
BOOT-PH UVLO
VIN = 2.95 V
2.2
V
SLOW START AND TRACKING (SS/TR PIN)
Charge Current
V(SS/TR) = 0.4 V
2.2
mA
SS/TR to VSENSE matching
V(SS/TR) = 0.4 V
35
mV
SS/TR to reference crossover
98% normal
1.1
V
SS/TR discharge voltage (Overload)
VSENSE = 0 V
46
mV
SS/TR discharge current (Overload)
VSENSE = 0 V, V(SS/TR) = 0.4 V
325
µA
POWER GOOD (PWRGD PIN)
VSENSE falling (Fault)
91
% Vref
VSENSE rising (Good)
93
% Vref
VSENSE threshold
VSENSE rising (Fault)
107
% Vref
VSENSE falling (Good)
105
% Vref
Hysteresis
VSENSE falling
2
% Vref
Output high leakage
VSENSE = VREF, V(PWRGD) = 5.5 V
2
nA
On resistance
100
200
Output low
I(PWRGD) = 3.0 mA
0.3
0.6
V
Minimum VIN for valid output
V(PWRGD) < 0.5 V at 100 mA
1.2
1.6
V
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS54319


Número de pieza similar - TPS54319RTE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54319RTE TI-TPS54319RTE Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319RTER TI-TPS54319RTER Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319RTET TI-TPS54319RTET Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results

Descripción similar - TPS54319RTE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54318 TI-TPS54318_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54318 2.95-V to 6-V Input, 3-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com