Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54521 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS54521
Descripción Electrónicos  4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54521 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54521_1 Datasheet HTML 5Page - Texas Instruments TPS54521_1 Datasheet HTML 6Page - Texas Instruments TPS54521_1 Datasheet HTML 7Page - Texas Instruments TPS54521_1 Datasheet HTML 8Page - Texas Instruments TPS54521_1 Datasheet HTML 9Page - Texas Instruments TPS54521_1 Datasheet HTML 10Page - Texas Instruments TPS54521_1 Datasheet HTML 11Page - Texas Instruments TPS54521_1 Datasheet HTML 12Page - Texas Instruments TPS54521_1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
T – Junction Temperature – C
J
°
1.00
1.05
1.10
1.15
1.20
–50
–25
0
25
50
75
100
125
VIN = 12 V
EN = 1.1 V
T – Junction Temperature – C
J
°
1.20
1.21
1.22
1.23
1.24
–50
–25
0
25
50
75
100
125
VIN = 12 V
V – Input Voltage – V
I
400
500
600
700
800
3
6
9
12
15
18
T = 125 C
J
°
T = 25 C
J
°
T =
40 C
J
°
T – Junction Temperature – C
J
°
2.10
2.20
2.30
2.40
2.50
–50
–25
0
25
50
75
100
125
T – Junction Temperature – C
J
°
40
50
60
70
80
–50
–25
0
25
50
75
100
125
T – Junction Temperature – C
J
°
80
90
100
110
120
–50
–25
0
25
50
75
100
125
VSENSE Rising
VSENSE Falling
VSENSE Falling
VSENSE Rising
TPS54521
www.ti.com
SLVS981 – JUNE 2010
TYPICAL CHARACTERISTICS (continued)
PIN pull-up CURRENT vs TEMPERATURE
PIN UVLO THRESHOLD vs TEMPERATURE
Figure 7.
Figure 8.
NON-SWITCHING OPERATING QUIESCENT CURRENT
(VIN) vs
SLOW START CHARGE CURRENT vs
INPUT VOLTAGE
TEMPERATURE
Figure 9.
Figure 10.
(SS/TR - VSENSE) OFFSET vs TEMPERATURE
PWRGD THRESHOLD vs TEMPERATURE
Figure 11.
Figure 12.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS54521


Número de pieza similar - TPS54521_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54521 TI-TPS54521_15 Datasheet
1Mb / 41P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS54521 TI1-TPS54521_17 Datasheet
1Mb / 41P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down Converter
More results

Descripción similar - TPS54521_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_15 Datasheet
1Mb / 41P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS54521 TI1-TPS54521_17 Datasheet
1Mb / 41P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54620 TI-TPS54620_11 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS56921 TI-TPS56921_15 Datasheet
995Kb / 37P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT??Converter With VID Control
TPS56921 TI-TPS56921 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com