Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62402 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62402
Descripción Electrónicos  2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62402 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62402 Datasheet HTML 1Page - Texas Instruments TPS62402 Datasheet HTML 2Page - Texas Instruments TPS62402 Datasheet HTML 3Page - Texas Instruments TPS62402 Datasheet HTML 4Page - Texas Instruments TPS62402 Datasheet HTML 5Page - Texas Instruments TPS62402 Datasheet HTML 6Page - Texas Instruments TPS62402 Datasheet HTML 7Page - Texas Instruments TPS62402 Datasheet HTML 8Page - Texas Instruments TPS62402 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
DEF_1
FB1
MODE/DATA
VIN
EN1
SW2
ADJ2
GND
EN2
Po
w
er
PA
D
SW1
1
2
3
4
5
10
9
8
7
6
TopviewDRCpackage
TPS62400, TPS62401
TPS62402, TPS62403, TPS62404
www.ti.com
SLVS681E – JUNE 2006 – REVISED APRIL 2010
PIN ASSIGNMENTS
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NO.
NAME
(QFN)
Input to adjust output voltage of converter 2. In adjustable version (TPS62400) connect a external resistor
divider between VOUT2, this pin and GND to set output voltage between 0.6V and VIN. At fixed output
ADJ2
1
I
voltage version (TPS62401) this pin MUST be directly connected to the output. If EasyScale Interface is
used for converter 2, this pin must be directly connected to the output, too.
This Pin has 2 functions:
1. Operation Mode selection: With low level, Power Save Mode is enabled where the device operates
in PFM mode at light loads and enters automatically PWM mode at heavy loads. Pulling this PIN to
high forces the device to operate in PWM mode over the whole load range.
MODE/DATA
2
I/0
2. EasyScale™ Interface function: One wire serial interface to change the output voltage of both
converters. The pin has an open drain output to provide an acknowledge condition if requested. The
current into the open drain output stage may not exceed 500mA. The interface is active if either EN1
or EN2 is high.
VIN
3
Supply voltage, connect to VBAT, 2.5V to 6V
Direct feedback voltage sense input of converter 1, connect directly to Vout 1. An internal feed forward
FB1
4
I
capacitor is connected between this pin and the error amplifier. In case of fixed output voltage versions or
when the Interface is used, this pin is connected to an internal resistor divider network.
This pin defines the output voltage of converter 1. The pin acts either as analog input for output voltage
setting via external resistors (TPS62400), or digital input to select between two fixed default output
voltages (TPS62401, TPS62402, TPS62403).
For the TPS62400, an external resistor network needs to be connected to this pin to adjust the default
DEF_1
5
I
output voltage.
Using the fixed output voltage device options this pin selects between two fixed default output voltages,
see table ordering information
SW1
6
I/O
Switch Pin of Converter1. Connect to Inductor
EN1
7
I
Enable Input for Converter1, active high
GND
8
GND for both converters; connect this pin to the PowerPAD™
EN2
9
I
Enable Input for Converter 2, active high
SW2
10
I/O
Switch Pin of Converter 2. Connect to Inductor.
PowerPAD™
Connect to GND
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS62400 TPS62401 TPS62402 TPS62403 TPS62404


Número de pieza similar - TPS62402

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62402 TI-TPS62402 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62402 TI-TPS62402 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62402 TI1-TPS62402 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62402 TI1-TPS62402 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62402 TI1-TPS62402 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results

Descripción similar - TPS62402

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62400 TI-TPS62400_07 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62420 TI-TPS62420 Datasheet
1Mb / 32P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com