Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62401DRC Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS62401DRC
Descripción Electrónicos  2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62401DRC Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62401DRC Datasheet HTML 7Page - Texas Instruments TPS62401DRC Datasheet HTML 8Page - Texas Instruments TPS62401DRC Datasheet HTML 9Page - Texas Instruments TPS62401DRC Datasheet HTML 10Page - Texas Instruments TPS62401DRC Datasheet HTML 11Page - Texas Instruments TPS62401DRC Datasheet HTML 12Page - Texas Instruments TPS62401DRC Datasheet HTML 13Page - Texas Instruments TPS62401DRC Datasheet HTML 14Page - Texas Instruments TPS62401DRC Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
3.200
3.250
3.300
3.350
3.400
0.01
0.10
1
10
100
1000
I
-mA
OUT
MODE/DATA =low,PFMMode,voltagepositioningactive
MODE/DATA =high,forcedPWMMode
PWMMode
Operation
V
=3.6V
IN
V
=4.2V
IN
V
=5V
IN
V
=4.2V
IN
V
=3.6V
IN
V
=5V
IN
V
=3.3V
OUT2
1.746
1.764
1.782
1.800
1.818
1.836
1.854
0.01
0.10
1
10
100
1000
I
-mA
OUT
MODE/DATA =low,PFMMode,voltagepositioningactive
MODE/DATA =high,forcedPWMMode
PWMMode
Operation
V
=1.8V
OUT2
V
=5V
IN
V
=4.2V
IN
V
=3.6V
IN
V
=2.7V
IN
V
=3.6V
IN
V
=4.2V
IN
V
=5V
IN
V
=2.7V
IN
1.500
1.525
1.550
1.575
1.600
1.625
1.650
0.01
0.10
1
10
1000
I
-mA
OUT
MODE/DATA =low,PFMMode,voltagepositioningactive
MODE/DATA =high,forcedPWMMode
100
PWMMode
Operation
V
=1.575V
OUT1
V
=4.2V
IN
V
=3.6V
IN
V
=3.6V
IN
V
=4.2V
IN
V
=2.7V
IN
V
=2.7V
IN
1.500
1.525
1.550
1.575
1.600
1.625
1.650
0.01
0.10
1
10
1000
I
-mA
OUT
MODE/DATA =low,PFMMode,voltagepositioningactive
MODE/DATA =high,forcedPWMMode
100
PWMMode
Operation
V
=1.575V
OUT1
V
=3.6V
IN
V
=4.2V
IN
V
=2.7V
IN
V
=4.2V
IN
V
=3.6V
IN
V
=2.7V
IN
TPS62400, TPS62401
TPS62402, TPS62403, TPS62404
www.ti.com
SLVS681E – JUNE 2006 – REVISED APRIL 2010
DC OUTPUT ACCURACY VOUT2 = 3.3V
DC OUTPUT ACCURACY VOUT2 = 1.8V
Figure 11.
Figure 12.
DC OUTPUT ACCURACY VOUT1 = 1.575V,
DC OUTPUT ACCURACY VOUT1 = 1.575V,
L = 2.2mH, COUT = 22mF
L = 3.3mH, COUT = 10mF
Figure 13.
Figure 14.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS62400 TPS62401 TPS62402 TPS62403 TPS62404


Número de pieza similar - TPS62401DRC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62401DRC TI-TPS62401DRC Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62401DRC TI-TPS62401DRC Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62401DRC TI-TPS62401DRC Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62401DRCR TI-TPS62401DRCR Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62401DRCR TI-TPS62401DRCR Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Descripción similar - TPS62401DRC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62400 TI-TPS62400_07 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62420 TI-TPS62420 Datasheet
1Mb / 32P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com