Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

91A2A Datasheet(PDF) 3 Page - Bourns Electronic Solutions

No. de pieza 91A2A
Descripción Electrónicos  91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

91A2A Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  91A2A Datasheet HTML 1Page - Bourns Electronic Solutions 91A2A Datasheet HTML 2Page - Bourns Electronic Solutions 91A2A Datasheet HTML 3Page - Bourns Electronic Solutions 91A2A Datasheet HTML 4Page - Bourns Electronic Solutions 91A2A Datasheet HTML 5Page - Bourns Electronic Solutions 91A2A Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
91, 92, 93, 94, 95, 96 - 5/8 ” Square Single-Turn Panel Control
97, 99 - 5/8 ” Square Single-Turn Panel Control with Rotary Switch
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Initial Electrical Characteristics1
Contacts:
DPST ........................................................................................................................................................N.O/N.O., N.C./N.C. or N.O./N.C.
DPDT ..........................................................................................................................................................2 N.O./N.C. (break before make)
Power Rating (Resistive Load):
DPST ..................................................................................... 2 A @ 125 volts RMS-60 Hz or 2 A @ 28 VDC, 1 A @ 250 volts RMS-60 Hz
DPDT .....................................................................................................................................1 A @ 125 volts RMS-60 Hz or 1 A @ 28 VDC
Contact Resistance (0.1 VDC-10 mA) ...............................................................................................................................10 milliohms nominal
Contact Bounce...........................................................................................................................................................5 milliseconds maximum
Dielectric Withstanding Voltage (MIL-STD-202, Method 301)
Sea Level ........................................................................................................................................................................1500 VAC minimum
Insulation Resistance................................................................................................................................................. 1000 megohms minimum
Environmental Characteristics1
Operating Temperature Range .................................................................................................................................................... 0 °C to +70 °C
Exposure Temperature Range ................................................................................................................................................-65 °C to +125 °C
Vibration (Dual Section).................................................................................................................................................................................. 8 G
Contact Resistance.................................................................................................................................................. 10 milliohms maximum
Contact Bounce ................................................................................................................................................... 0.1 millisecond maximum
Shock (Dual Section).................................................................................................................................................................................... 20 G
Contact Resistance.................................................................................................................................................. 10 milliohms maximum
Contact Bounce ................................................................................................................................................... 0.1 millisecond maximum
Rotational Life ................................................................................................................................................................................25,000 cycles
Switch Actuating Torque (50% Duty cycle @ Rated Power Load)........................................................... 1.41 to 4.94 N-cm (2 to 7 oz.-in.)
Contact Resistance................................................................................................................................................ 100 milliohms maximum
Moisture Resistance (MIL-STD-202, Method 106, Condition B)
Contact Resistance (0.1 VDC-10 mA) ..................................................................................................................... 10 milliohms maximum
Insulation Resistance (After 24 Hours @ Room Temperature) (500 VDC) ..............................................................100 megohms minimum
Housing Material .......................................................................................................High temperature, flame retardant, thermosetting plastic
Mechanical Characteristics1
Actuating Torque (Each Section, Switch Module Only).............................................................................. 3.53 to 10.59 N-cm (5 to 15 oz.-in.)
Running Torque (Out of Detent, 2-4 Module Assembly) ............................................................................. 0.21 to 1.41 N-cm (0.3 to 2 oz.-in.)
Detent................................................................................................................................................................................CW or CCW standard
Actuation Angle......................................................................................................................................................................................20 ° ±5 °
Contact Materials.................................................................................................................................................... Fine silver with gold overlay
Terminal Styles .............................................................................................................................................................................Solder lug only
Standard Orientation........................................................................................................................................ In-line with control terminals
Optional .................................................................................................................................................... Rotated 90 ° CCW from standard
Terminal Strength (Before and After Soldering Heat Exposure).................................................................................... 0.9 kg (2 lbs.) minimum
NOTE:
Model 99 performance specifications do not apply to units subjected to printed circuit board cleaning procedures.
1At room ambient: +25 °C nominal and 50 % relative humidity nominal, except as noted.
Rotary Switch Specifications


Número de pieza similar - 91A2A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
91A2A-A28-A15 BOURNS-91A2A-A28-A15 Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
91A2A-A28-A15L BOURNS-91A2A-A28-A15L Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
91A2A-A28-B15 BOURNS-91A2A-A28-B15 Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
91A2A-A28-C15 BOURNS-91A2A-A28-C15 Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
91A2A-A28-D15 BOURNS-91A2A-A28-D15 Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
More results

Descripción similar - 91A2A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
91A1A-B28-B17L BOURNS-91A1A-B28-B17L Datasheet
218Kb / 5P
   91, 92, 93, 94, 95, 96, 99 - 5/8 ??Square Single-Turn Panel Control 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91C1A-D24-B10 BOURNS-91C1A-D24-B10 Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control
93R1A-R22-A12L BOURNS-93R1A-R22-A12L Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
93A1A-B28-A15 BOURNS-93A1A-B28-A15 Datasheet
352Kb / 6P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
91A2A-A28-A15 BOURNS-91A2A-A28-A15 Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
96A1A-A28-A15L BOURNS-96A1A-A28-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
96R1A-R16-A15L BOURNS-96R1A-R16-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
81A2A-B28-A15 BOURNS-81A2A-B28-A15 Datasheet
401Kb / 6P
   Square Single-Turn Panel Control
PCW1J-B24 BOURNS-PCW1J-B24 Datasheet
316Kb / 4P
   PC - Slimline22 mm Square Single Turn Panel Control
PCW1J-B24-BAB103L BOURNS-PCW1J-B24-BAB103L Datasheet
324Kb / 4P
   PC - Slimline 22 mm Square Single Turn Panel Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com