Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA157G Datasheet(PDF) 2 Page - Gulf Semiconductor

No. de pieza BA157G
Descripción Electrónicos  GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 400 TO 1000V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GULFSEMI [Gulf Semiconductor]
Página de inicio  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

BA157G Datasheet(HTML) 2 Page - Gulf Semiconductor

  BA157G Datasheet HTML 1Page - Gulf Semiconductor BA157G Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES BA157G THRU BA159G
Rev.A1
www.gulfsemi.com


Número de pieza similar - BA157G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
BA157G LRC-BA157G Datasheet
51Kb / 2P
   FAST GPP DIODES
logo
Microdiode Electronics ...
BA157G CHENDA-BA157G Datasheet
535Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
BA157G TSC-BA157G Datasheet
244Kb / 2P
   1.0 AMP. Glass Passivated Fast Recovery Rectifiers
logo
Zibo Seno Electronic En...
BA157G ZSELEC-BA157G Datasheet
85Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Taiwan Semiconductor Co...
BA157G TSC-BA157G Datasheet
66Kb / 2P
   1.0 AMP. Glass Passivated Fast Recovery Rectifiers
More results

Descripción similar - BA157G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gulf Semiconductor
RGPP1A GULFSEMI-RGPP1A Datasheet
424Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
FR101G GULFSEMI-FR101G Datasheet
100Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
FR101G-E GULFSEMI-FR101G-E Datasheet
103Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE: 50 to 1000V CURRENT: 1.0A
RGPP3A GULFSEMI-RGPP3A Datasheet
400Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1F1G GULFSEMI-1F1G Datasheet
146Kb / 2P
   FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
RGPP1Q GULFSEMI-RGPP1Q Datasheet
83Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 1200V CURRENT: 1.0A
RU1JG GULFSEMI-RU1JG Datasheet
84Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
SRGPP10Y GULFSEMI-SRGPP10Y Datasheet
78Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 1600V CURRENT: 1.0A
TVR1GPP GULFSEMI-TVR1GPP Datasheet
99Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 400V CURRENT: 1.0A
1N4007G-1 GULFSEMI-1N4007G-1 Datasheet
91Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com