Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC5682ZIRGCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC5682ZIRGCT
Descripción Electrónicos  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DAC5682ZIRGCT Datasheet(HTML) 5 Page - Texas Instruments

  DAC5682ZIRGCT Datasheet HTML 1Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 2Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 3Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 4Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 5Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 6Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 7Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 8Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
DAC5682Z
www.ti.com ........................................................................................................................................................ SLLS853C – AUGUST 2007 – REVISED JUNE 2009
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
DVDD(2)
–0.5 to 2.3
V
VFUSE(2)
–0.5 to 2.3
V
Supply voltage range
CLKVDD(2)
–0.5 to 2.3
V
AVDD(2)
–0.5 to 4
V
IOVDD(2)
–0.5 to 4
V
AVDD to DVDD
–2 to 2.6
V
CLKVDD to DVDD
–0.5 to 0.5
V
IOVDD to AVDD
–0.5 to 0.5
V
D[15..0]P ,D[15..0]N, SYNCP, SYNCN (2)
–0.5 to DVDD + 0.5
V
Supply voltage range
DCLKP, DCLKN(2)
–0.3 to 2.1
V
CLKIN, CLKINC(2)
–0.5 to CLKVDD + 0.5
V
SDO, SDIO, SCLK, SDENB, RESETB (2)
–0.5 to IOVDD + 0.5
V
IOUTA1/B1, IOUTA2/B2 (2)
–0.5 to AVDD + 0.5
V
LPF, EXTIO, EXTLO, BIASJ(2)
–0.5 to AVDD + 0.5
V
Peak input current (any input)
20
mA
Peak total input current (all inputs)
–30
mA
Operating free-air temperature range, TA: DAC5682Z
–40 To 85
°C
Storage temperature range
–65 To 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of these or any other conditions beyond those indicated under recommended operating conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to GND.
over operating free-air temperature range (unless otherwise noted)
THERMAL CONDUCTIVITY
64ld QFN
UNIT
TJ
Maximum junction temperature (1)
125
°C
Theta junction-to-ambient (still air)
22
θ
JA
°C/W
Theta junction-to-ambient (150 lfm)
16
θ
JC
Theta junction-to-case
0.2
°C/W
θ
JP
Theta junction-to-pad
3.5
°C/W
(1)
Air flow or heat sinking reduces
θ
JA and may be required for sustained operation at 85° under maximum operating conditions.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC5682Z


Número de pieza similar - DAC5682ZIRGCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5682ZIRGCT TI-DAC5682ZIRGCT Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682ZIRGCT TI1-DAC5682ZIRGCT Datasheet
3Mb / 66P
[Old version datasheet]   16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
More results

Descripción similar - DAC5682ZIRGCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI1-DAC5682Z_17 Datasheet
3Mb / 66P
[Old version datasheet]   16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z_15 Datasheet
3Mb / 66P
[Old version datasheet]   DAC5682Z 16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com