Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4094PWT Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza CD74HC4094PWT
Descripción Electrónicos  HIgh-Speed CMOS Logic 8-Stage Shift and Store Bus Register,Three-State
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4094PWT Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74HC4094PWT Datasheet HTML 4Page - Texas Instruments CD74HC4094PWT Datasheet HTML 5Page - Texas Instruments CD74HC4094PWT Datasheet HTML 6Page - Texas Instruments CD74HC4094PWT Datasheet HTML 7Page - Texas Instruments CD74HC4094PWT Datasheet HTML 8Page - Texas Instruments CD74HC4094PWT Datasheet HTML 9Page - Texas Instruments CD74HC4094PWT Datasheet HTML 10Page - Texas Instruments CD74HC4094PWT Datasheet HTML 11Page - Texas Instruments CD74HC4094PWT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Test Circuits and Waveforms
FIGURE 1. DATA PROPAGATION DELAYS, SET-UP AND HOLD TIMES
FIGURE 2. STROBE PROPAGATION DELAYS AND SET-UP
AND HOLD TIMES
FIGURE 3. ENABLE AND DISABLE TIMES
6ns
6ns
90%
VS
10%
VS
tPLH
VS
tPLH
VS
tPHL
tPHL
tSU
tH
tW
tW
CLOCK
SERIAL IN
Qn, QS1
QS2
INPUT LEVEL
GND
INPUT LEVEL
GND
VOH
VOL
VOH
VOL
INPUT LEVEL
GND
INPUT LEVEL
GND
VOH
VOL
VOH
VOL
VS
tPLH, tPHL
Qn
SERIAL IN
CLOCK
STROBE
VS
VS
tSU
tH
tW
VS
OUTPUT
tr = 6ns
tf = 6ns
OE
90%
VS
10%
tPZL
tPLZ
LOW TO OFF
tPHZ
tPZH
VS
OUTPUT
HIGH TO OFF
VS
10%
90%
OUTPUTS
CONNECTED
OUTPUTS
CONNECTED
OUTPUTS
DISCONNECTED
CD54/74HC4094, CD74HCT4094


Número de pieza similar - CD74HC4094PWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4094PWT TI-CD74HC4094PWT Datasheet
512Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
CD74HC4094PWTE4 TI-CD74HC4094PWTE4 Datasheet
512Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
CD74HC4094PWTG4 TI-CD74HC4094PWTG4 Datasheet
512Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
More results

Descripción similar - CD74HC4094PWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4094 TI-CD54HC4094 Datasheet
366Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
CD74HC4094 TI-CD74HC4094 Datasheet
50Kb / 10P
[Old version datasheet]   High Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
CD54HC4094 TI-CD54HC4094_07 Datasheet
512Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
logo
Harris Corporation
CD74HC4094 HARRIS-CD74HC4094 Datasheet
69Kb / 8P
   High Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
logo
Texas Instruments
CD4094BF3A TI-CD4094BF3A Datasheet
1Mb / 14P
[Old version datasheet]   CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
CD4094B TI1-CD4094B_15 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS 8-Stage Shift-and-Store Bus Register
CD4094B TI-CD4094B Datasheet
281Kb / 5P
[Old version datasheet]   CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Intersil Corporation
CD4094BMS INTERSIL-CD4094BMS Datasheet
87Kb / 11P
   CMOS 8-Stage Shift-and-Store Bus Register
December 1992
logo
Texas Instruments
CD4094B TI1-CD4094B Datasheet
1Mb / 14P
[Old version datasheet]   CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com